Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA510A Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # P4SMA510A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

P4SMA510A Datasheet(HTML) 2 Page - Silicon Standard Corp.

  P4SMA510A Datasheet HTML 1Page - Silicon Standard Corp. P4SMA510A Datasheet HTML 2Page - Silicon Standard Corp. P4SMA510A Datasheet HTML 3Page - Silicon Standard Corp. P4SMA510A Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04/13/2007 Rev.1.00
www.SiliconStandard.com
2
P4SMAX
MAXIMUM RATINGS AND CHARACTERISTICS
(TA= 25
o
C unless otherwise noted.)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000us waveform (1)(2)
(Fig. 1)
P
PPM
400
W
Peak pulse current with a 10/1000us waveform (1) (Fig. 3)
I
PPM
See Next Table
A
Power dissipation on infinite heatsink, T
A=50
oC
P
M(AV)
1.0
W
Peak forward surge current, 8.3ms single half sine-wave
uni-directional only (2)
I
FSM
40
A
Thermal resistance junction to ambient air (3)
R
θJA
120
oC/W
Thermal resistance junction to leads
R
θJL
30
oC/W
Operating junction and storage temperature range
T
J, TSTG
-55 to +150
oC
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above T
A=25
o
C per Fig. 2. Rating is 300W above 91V.
2. Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout


Similar Part No. - P4SMA510A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA510A LITTELFUSE-P4SMA510A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Cystech Electonics Corp...
P4SMA510A CYSTEKEC-P4SMA510A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
logo
GOOD-ARK Electronics
P4SMA510A GOOD-ARK-P4SMA510A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Littelfuse
P4SMA510A LITTELFUSE-P4SMA510A Datasheet
1Mb / 6P
   P4SMA Series
logo
Vishay Siliconix
P4SMA510A VISHAY-P4SMA510A Datasheet
110Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Similar Description - P4SMA510A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com