Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4744 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # 1SMA4744
Description  SURFACE MOUNT SILICON ZENDER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

1SMA4744 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  1SMA4744 Datasheet HTML 1Page - Silicon Standard Corp. 1SMA4744 Datasheet HTML 2Page - Silicon Standard Corp. 1SMA4744 Datasheet HTML 3Page - Silicon Standard Corp. 1SMA4744 Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1SMA4741 thru 1SMA200Z
08/22/2007 Rev.1.00
www.SiliconStandard.com
4
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
FIG.6- TYPICAL CAPACITANCE versus Vz
FIG.7- TEMPERATURE COEFFICIENTS
FIG.8- TEMPERATURE COEFFICIENTS
FIG.9- EFFECT OF ZENER CURRENT
V , FORWARD VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
0V BIAS
1.0V BIAS
50% OF BREAKDOWN BIAS
1
10
100
4
8
10
100
200
300
400
b-RANGE FOR UNITS 11 TO 100 VOLTS
V@ I
ZZT
RANGE
10
20
30
50
70
100
1
2
3
5
7
10
20
30
50
70
100
a-RANGE FOR UNITS TO 12 VOLTS
V@ I
ZZT
RANGE
23
4
5
6
7
8
9
10
11
12
-2.0
-4.0
0
+2.0
+4.0
+6.0
+8.0
+10
+12
V@ I
TJ=25 C
ZZT
o
20mA
0.01mA
1.0mA
NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS
CHANGES IN ZENER CURRENT OO NOT
AFFECT TEMPERATURE COEFFICIENTS
34
5
6
7
8
-4.0
-2.0
0
+2.0
+4.0
+6.0
FIG.10- MAXIMUM SURGE POWER
PW, PULSE WIDTH (ms)
RECTANGULAR
WAVEFORM
TJ = 25 C PRIOR TO
INITIAL PULSE
o
11V-91V
NON-REPETITIVE
0.8V
-10V
NON-REPETITIVE
5% DUTY
CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2
3
5
7
10
20
30
50
70
100
RATINGS ANAD CHARACTERISTIC CURVES (1SMA4741 THRU 1SMA200Z)


Similar Part No. - 1SMA4744

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4744 TRSYS-1SMA4744 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4744 TSC-1SMA4744 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4744 TSC-1SMA4744 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA4744 TSC-1SMA4744 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4744 CDIL-1SMA4744 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4744

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4728AUR MICROSEMI-1N4728AUR Datasheet
365Kb / 3P
   SURFACE MOUNT 1.0W GLASS ZENDER DIODE
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
logo
Pan Jit International I...
1SMB5921 PANJIT-1SMB5921 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Continental Device Indi...
1SMA4732 CDIL-1SMA4732 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Transys Electronics
1SMB2EZ11 TRSYS-1SMB2EZ11 Datasheet
366Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CTLZ6V8 CENTRAL-CTLZ6V8 Datasheet
501Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
logo
Unisonic Technologies
BZT52B5V6S UTC-BZT52B5V6S Datasheet
129Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com