Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVQ24YN0315RB103K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RVQ24YN0315RB103K
Description  Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVQ24YN0315RB103K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RVQ24YN0315RB103K Datasheet HTML 1Page - TOCOSAMERICA, INC. RVQ24YN0315RB103K Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 1k
Ω to 100kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Independent Linearity . . . . . . . . . . . . . . . . . . . .
3% max.
Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max.
Power Rating . . . . . . . . 0.5 watt at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 200VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . 100M
Ω minimum at 1,000VDC
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300
5
Shaft Torque . . . . . . . . . . . . . . 100 gf cm (1.386 oz in) max.
Stop Strength . . . . . . . . . . . . . 9 kgf cm (124.76 oz in) min.
Shaft Strength (push) . . . . . . . . . . . . 125 N (12.75 kgf ) min.
Shaft Strength (tensile) . . . . . . . . . . 125 N (12.75 kgf ) min.
Shaft End Play . . . . . . . .
0.4
(shaft length /30) mm max.
Mounting Nut Torque . . . . . . 15 kgf cm (207.94 oz in) min.
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Temperature Characteristics . . . . . . . . . . .
80 C, 5 hours
∆T/R ) 5%
Temperature Cycle . . . . . . . . . . . . . . . . . . . .
10 C,
80 C,
30 minutes each, 5 cycles
∆T/R ) 10%
Load Life . . . . . . . . . . . . . . . . . .
40 C, 0.5 watt, 1,000 hours
∆T/R ) 10%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
0.5 watt, 500 hours
∆T/R ) 20%
Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions
∆T/R ) 5%
Soldering Heat Resistance . . . . . . . 350 C
5 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . 2,000,000 cycles without load
∆T/R ) 15%
∆T/R = Total Resistance Change
RVQ24YN03 Series
Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
TOCOS®
P ANEL CONTROLS
Features
Long life 24mm diameter, single-turn industrial panel controls
Carbon film element
Single unit, single shaft
High quality, 2,000,000 cycle rotational life
Low cost
Independent linearity,
3% max.
Metal shaft and bushing
Linear taper
6mm diameter shafts in slot, flat or round end styles
Standard 15mm or 20mm shaft length
Panel mount style
Right angle ear-lug terminals
Continuous rotation units available as special order
RVQ24YN03
Note: A long life panel control should only be used in a circuit
as a potentiometer (3-terminal voltage divider ).
98


Similar Part No. - RVQ24YN0315RB103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ24YS TOCOS-RVQ24YS Datasheet
454Kb / 1P
   Long Life POTENTIOMETERS
RVQ24YS07 TOCOS-RVQ24YS07 Datasheet
454Kb / 1P
   Long Life POTENTIOMETERS
RVQ24YS08 TOCOS-RVQ24YS08 Datasheet
454Kb / 1P
   Long Life POTENTIOMETERS
More results

Similar Description - RVQ24YN0315RB103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
   Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com