Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV20YLP110SB101K Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RV20YLP110SB101K
Description  20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV20YLP110SB101K Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RV20YLP110SB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV20YLP110SB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV20YLP110SB101K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Unit: mm
Dimensions
RV20 Series
RV20YN
Panel Mount, Single Unit, Single Shaft
Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern
RV20YL
Panel Mount, Single Unit, Single Shaft with Shaft Lock
Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern
RV20YP1
PCB Mount, Single Unit, Single Shaft
Rear Exit Vertical Mount Pin Terminals, 3-Pin Triangular Pattern
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes
Recommended
PCB Mounting Holes
26


Similar Part No. - RV20YLP110SB101K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RV2010DK-07100KL YAGEO-RV2010DK-07100KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0710KL YAGEO-RV2010DK-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0710ML YAGEO-RV2010DK-0710ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-071ML YAGEO-RV2010DK-071ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
RV2010DK-0727ML YAGEO-RV2010DK-0727ML Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
More results

Similar Description - RV20YLP110SB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com