Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVQ16YN10FB103K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RVQ16YN10FB103K
Description  Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVQ16YN10FB103K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RVQ16YN10FB103K Datasheet HTML 1Page - TOCOSAMERICA, INC. RVQ16YN10FB103K Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 1k
Ω to 500kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Independent Linearity . . . . . . . . . . . . . . . . . . . .
4% max.
Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max.
Power Rating . . . . . . . . . 0.1 watt at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 224VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260
10
Shaft Torque . . . . . . . . . . . . . . 50 gf cm (0.693 oz in) max.
Stop Strength . . . . . . . . . . . . . . 3 kgf cm (41.59 oz in) min.
Shaft Strength (push) . . . . . . . . . . . . . . . 50 N (5.1 kgf ) min.
Shaft Strength (tensile) . . . . . . . . . . . . . . 50 N (5.1 kgf ) min.
Shaft End Play . . . . . . . .
0.4
(shaft length /30) mm max.
Mounting Nut Torque . . . . . . . 15 kgf cm (0.208 oz in) min.
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Temperature Characteristics . . . . . . . . . . .
80 C, 5 hours
∆T/R ) 12%
Temperature Cycle . . . . . . . . . . . . . . . . . . . .
10 C,
85 C,
30 minutes each, 5 cycles
∆T/R ) 10%
Load Life . . . . . . . . . . . . . . . . . .
40 C, 0.1 watt, 1,000 hours
∆T/R ) 15%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
0.1 watt, 500 hours
∆T/R ) 20%, 10%
Vibration . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions
∆T/R ) 5%
Soldering Heat Resistance . . . . . . . 350 C
5 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . .100,000 cycles without load
∆T/R ) 10%
∆T/R = Total Resistance Change
RVQ16YN Series
Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
TOCOS®
P ANEL CONTROLS
Features
Long life 16mm diameter, single-turn industrial panel controls
Carbon film element
100,000 cycle rotational life
Single unit, single shaft
Linear taper
Metal shaft and bushing
Suitable for automotive applications
3.2mm diameter metal shafts in slot, flat or round end styles
Wide total resistance range of 1k
Ω to 500kΩ
Standard 10mm or 15mm shaft length
Panel mount style
Right angle ear-lug terminals
Note: A long life panel control should only be used in a circuit
as a potentiometer (3-terminal voltage divider ).
92


Similar Part No. - RVQ16YN10FB103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ10YN10FB100M TOCOS-RVQ10YN10FB100M Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ10YN10FB101M TOCOS-RVQ10YN10FB101M Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ10YN10FB102M TOCOS-RVQ10YN10FB102M Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ10YN10FB103M TOCOS-RVQ10YN10FB103M Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
More results

Similar Description - RVQ16YN10FB103K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RVQ103YN TOCOS-RVQ103YN Datasheet
439Kb / 2P
   Long Life 10mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N TOCOS-RVQ20N Datasheet
487Kb / 2P
   Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
GF16 TOCOS-GF16 Datasheet
585Kb / 4P
   16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com