Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRA2520FB101F Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # LRA2520FB101F
Description  25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

LRA2520FB101F Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  LRA2520FB101F Datasheet HTML 1Page - TOCOSAMERICA, INC. LRA2520FB101F Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
62
Unit: mm
Dimensions
LRA25 Series
LRA25
Panel Mount, Single Unit, Single Shaft
Right Angle Ear-Lug Terminals
Recommended
Panel Mounting Holes
Part Numbering System
Resistance (
Ω)
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
Code
501
Code
102
202
502
Code
103
203
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
RA
25
103
J
S
B
L
20
Resistance Tolerance: J =
5% (standard).
G =
2% (special order ).
F =
1% (special order ).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures (i.e., 100 = 10
Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω;105 = 1,000,000Ω). See table for standard resistance values.
Resistance Taper: B = Linear.
Shaft End Style: S = Slotted.
F = Flatted.
R = Round.
Standard Shaft Length: 20 = 20mm FMS.
Up to 50mm shaft length available (special order ).
Size: 25 = 25mm Diameter.
TOCOS Series Name: RA = Wirewound Element.
Linearity: L = High Linearity,
0.5% Max.
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
NOTE: FMS = From Mounting Surface


Similar Part No. - LRA2520FB101F

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LRA22B2BBAEN ZFSWITCHES-LRA22B2BBAEN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBAFN ZFSWITCHES-LRA22B2BBAFN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBAGN ZFSWITCHES-LRA22B2BBAGN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBALN ZFSWITCHES-LRA22B2BBALN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
LRA22B2BBANN ZFSWITCHES-LRA22B2BBANN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
More results

Similar Description - LRA2520FB101F

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com