Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJC06FB101K Datasheet(PDF) 5 Page - TOCOSAMERICA, INC.

Part # RJC06FB101K
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06FB101K Datasheet(HTML) 5 Page - TOCOSAMERICA, INC.

  RJC06FB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06FB101K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
44
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
50 pieces per vinyl bag.
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC06 Series
RJC06F Through-Hole, F Terminal Style, Single-Slot, Bottom Adjust
RJC06F B 100 K
RJC06F B 200 K
RJC06F B 500 K
RJC06F B 101 K
RJC06F B 201 K
RJC06F B 501 K
RJC06F B 102 K
RJC06F B 202 K
RJC06F B 502 K
RJC06F B 103 K
RJC06F B 203 K
RJC06F B 503 K
RJC06F B 104 K
RJC06F B 204 K
RJC06F B 504 K
RJC06F B 105 K
RJC06F B 100 M
RJC06F B 200 M
RJC06F B 500 M
RJC06F B 101 M
RJC06F B 201 M
RJC06F B 501 M
RJC06F B 102 M
RJC06F B 202 M
RJC06F B 502 M
RJC06F B 103 M
RJC06F B 203 M
RJC06F B 503 M
RJC06F B 104 M
RJC06F B 204 M
RJC06F B 504 M
RJC06F B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC06F


Similar Part No. - RJC06FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC07R TOCOS-RJC07R Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100K TOCOS-RJC07RB100K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB100M TOCOS-RJC07RB100M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101K TOCOS-RJC07RB101K Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
RJC07RB101M TOCOS-RJC07RB101M Datasheet
153Kb / 3P
   3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
More results

Similar Description - RJC06FB101K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G12 TOCOS-G12 Datasheet
169Kb / 4P
   1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
   1/4" Square Single-Turn Cermet Sealed Trimmers
Revision: 24-Jan-07
logo
TOCOSAMERICA, INC.
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com