Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA25XD15SB103A503100K Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RA25XD15SB103A503100K
Description  25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA25XD15SB103A503100K Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RA25XD15SB103A503100K Datasheet HTML 1Page - TOCOSAMERICA, INC. RA25XD15SB103A503100K Datasheet HTML 2Page - TOCOSAMERICA, INC. RA25XD15SB103A503100K Datasheet HTML 3Page - TOCOSAMERICA, INC. RA25XD15SB103A503100K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
59
Unit: mm
Dimensions
RA25 Series
RA25YG
Panel Mount, Ganged Tandem Unit, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit
RA25YD
Panel Mount, Dual Unit, Dual Concentric Shaft
Right Angle Ear-Lug Terminals on Each Unit
RA25YGL
Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft Lock
Right Angle Ear-Lug Terminals on Each Unit
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes
Recommended
Panel Mounting Holes


Similar Part No. - RA25XD15SB103A503100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2505 ETC-RA2505 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
SHENZHEN YONGERJIA INDU...
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
231Kb / 2P
   Silicon-Rectifiers
RA2505 DIOTEC-RA2505 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - RA25XD15SB103A503100K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com