Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJC07RB102K Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RJC07RB102K
Description  3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC07RB102K Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RJC07RB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC07RB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC07RB102K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
112
Electrical Schematic
Recommended PCB Layout
#2
wiper
#3 cw
clockwise
ccw
#1
RJC07R & RJC07RK2 Pin-Out
Unit: mm
Unit: mm
RJC07R
Single-Slot, Short Shaft, Top Adjust
RJC07RK2
Extended Shaft, Permanent Knob, Top Adjust
5.0 0.5
2.5 0.2
2.5 0.2
0.6
Ø
2.8
0.35 (3)
0.6
0.8 (3)
5
17.5
0.3
17
6.6 0.3
3.5
7.0
0.5,
0.2
5.0
0.5 0.2
#3
#2
#1
0.35 (3)
5.0 0.5
2.5 0.2
2.5 0.2
0.6
0.8 (3)
5
17
#3
#2
#1
Ø
4.0
Ø
6.2
Ø
6.7
12.0
0.5
2.0
1.0
Ø
3.7
Ø
8.8
0.3
#3
#2
#1
5.0
5.0
Ø
1.2 max.
(3 holes)
Dimensions
RJC07R Series


Similar Part No. - RJC07RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100K TOCOS-RJC06FB100K Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100M TOCOS-RJC06FB100M Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101K TOCOS-RJC06FB101K Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101M TOCOS-RJC06FB101M Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results

Similar Description - RJC07RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
   3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
RJC097 ETC-RJC097 Datasheet
204Kb / 4P
   3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
logo
TOCOSAMERICA, INC.
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com