Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV Datasheet(PDF) 7 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 7 Page - Suntan Capacitors

Back Button TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors TSV Datasheet HTML 10Page - Suntan Capacitors TSV Datasheet HTML 11Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 18D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV18D182K
1000
1465
392.0
280.0
1800(1620-1980)
2970
180
TSV18D152K
750
1300
308.0
220.0
1500(1350-1650)
2475
200
TSV18D112K
680
895
252.0
180.0
1100(990-1210)
1815
290
TSV18D102K
625
825
252.0
180.0
1000(900-1100)
1650
320
TSV18D911K
550
745
252.0
180.0
910(819-1001)
1500
350
TSV18D821K
510
670
238.0
170.0
820(738-902)
1355
400
TSV18D781K
485
640
238.0
170.0
780(702-858)
1290
410
TSV18D751K
460
615
238.0
170.0
750(675-825)
1240
420
TSV18D681K
420
560
203.0
145.0
680(612-748)
1120
480
TSV18D621K
385
505
203.0
145.0
620(558-682)
1025
520
TSV18D561K
350
460
182.0
130.0
560(504-616)
920
570
TSV18D511K
320
415
182.0
130.0
510(459-561)
845
620
TSV18D471K
300
385
182.0
130.0
470(423-517)
775
680
TSV18D431K
275
350
175.0
125.0
430(387-473)
710
740
TSV18D391K
250
320
161.0
115.0
390(351-429)
650
800
TSV18D361K
230
300
151.2
108.0
360(324-396)
595
880
TSV18D331K
210
275
128.8
92.0
330(297-363)
550
960
TSV18D301K
190
250
121.8
87.0
300(270-330)
500
1040
TSV18D271K
175
225
113.4
81.0
270(243-297)
455
1200
TSV18D241K
150
200
100.8
72.0
240(216-264)
395
1320
TSV18D221K
140
180
95.2
68.0
220(198-242)
360
1440
TSV18D201K
130
170
91.0
65.0
5500
3000
0.8
200(185-225)
340
1600
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
201LD18
|
471KD18
5.2
|
7.0
22
25
0.8
7.5
20
511KD18
|
152KD18
7.0
|
10.1
22
27
0.8
8.0
20
182KD18
14.8
22
27
1.0 15(±1.0)
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSV

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSV TRACOPOWER-TSV Datasheet
196Kb / 3P
   DC/DC Converters TSV Series, 1 Watt
Rev. August 3, 2022
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S028ST ETC2-TSV-300S028ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S036ST ETC2-TSV-300S036ST Datasheet
594Kb / 2P
   LED Drivers
TSV-300S048ST ETC2-TSV-300S048ST Datasheet
594Kb / 2P
   LED Drivers
More results

Similar Description - TSV

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
List of Unclassifed Man...
TVR14431 ETC1-TVR14431 Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com