Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6798MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF6798MPBF
Description  HEXFET Power MOSFET plus Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6798MPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF6798MPBF Datasheet HTML 1Page - International Rectifier IRF6798MPBF Datasheet HTML 2Page - International Rectifier IRF6798MPBF Datasheet HTML 3Page - International Rectifier IRF6798MPBF Datasheet HTML 4Page - International Rectifier IRF6798MPBF Datasheet HTML 5Page - International Rectifier IRF6798MPBF Datasheet HTML 6Page - International Rectifier IRF6798MPBF Datasheet HTML 7Page - International Rectifier IRF6798MPBF Datasheet HTML 8Page - International Rectifier IRF6798MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF6798MTRPbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/09
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6798MTRPBF). For 1000 parts on 7"
reel, order IRF6798MTR1PBF
REEL DIMENSIONS
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
IMPERIAL
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
STANDARD OPTION (QTY 4800)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
METRIC
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
TR1 OPTION (QTY 1000)
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
IMPERIAL
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
METRIC
DIMENSIONS
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063


Similar Part No. - IRF6798MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results

Similar Description - IRF6798MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF Datasheet
222Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com