Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1040F Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB1040F
Description  10A ISOLATION SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1040F Datasheet(HTML) 1 Page - Won-Top Electronics

  SB1040F Datasheet HTML 1Page - Won-Top Electronics SB1040F Datasheet HTML 2Page - Won-Top Electronics SB1040F Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1020F – SB10100F
1 of 3
© 2002 Won-Top Electronics
SB1020F – SB10100F
10A ISOLATION SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
High Current Capability, Low Forward
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
                D
Mechanical Data
F
E
!
Case: ITO-220A Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
L
!
Mounting Position: Any
H
!
Marking: Type Number
PIN 1 +
J
PIN 2 -
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020F
SB
1030F
SB
1040F
SB
1050F
SB
1060F
SB
1080F
SB
10100F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
V
Average Rectified Output Current
@TC = 95°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance Junction to Case (Note 2)
RJC
3.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
ITO-220A
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74 Ø
3.91 Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
4.95
5.20
All Dimensions in mm


Similar Part No. - SB1040F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1040F PANJIT-SB1040F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1040F TRSYS-SB1040F Datasheet
149Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1040F WTE-SB1040F Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB1040F PACELEADER-SB1040F Datasheet
297Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1040F PANJIT-SB1040F Datasheet
93Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1040F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1020FCT WTE-SB1020FCT Datasheet
39Kb / 3P
   10A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB620FCT PACELEADER-SB620FCT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820FCT PACELEADER-SB820FCT Datasheet
322Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F PACELEADER-SB820F Datasheet
308Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB620F PACELEADER-SB620F Datasheet
153Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820CT PACELEADER-SB820CT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com