Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13C0 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13C0
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C0 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13C0 Datasheet HTML 1Page - Suntan Capacitors TS13C0 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P T Y P E S E R I E S
TS13C0
F E A T U R E S
Designed for surface mounting on high density circuit board.
Emboss carrier tape packing system is available for automatic insertion.
Standard Series
Specifications
I
T
E
M
S P E R F O R M A N C E C H A R A C T E R I S T I C S
Operating Temperature Range
-40℃ ~ +85℃
Voltage Range
4~100V
Capacitance Range
0.1~10000μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
Leakage current(φ4~φ10)≤0.01CV or 3μA,, whichever is greater.( After 2 minutes’ application of rated voltage)
Leakage current(φ12.5~φ16)≤0.03CV or 4μA,, whichever is greater.( After 1 minutes’ application of rated voltage)
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
4
6.3
10
16
25
35
50
63
100
φ
4~φ10
0.35
0.26
0.20
0.16
0.14
0.12
0.12
0.10
0.10
Tan δ (MAX)
φ
12.5~φ16
0.42
0.38
0.34
0.30
0.26
0.22
0.18
0.14
0.10
Stability at Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
4
6.3
10
16
25
35
50~100
Z-25℃ / Z+20℃
7
4
3
2
2
2
2
φ
4~φ10
Z-40℃ / Z+20℃
15
8
6
4
4
3
3
Z-25℃ / Z+20℃
7
5
4
3
2
2
2
Impedance ratio
ZT / Z20 (MAX)
φ
12.5~φ16
Z-40℃ / Z+20℃
17
12
10
8
5
4
3
Load Life
After 2000 hours’ application of
rated voltage at 85℃, capacitors
meet the characteristics
requirements listed at right
Capacitance Change
Within ± 20% of initial value
(Within ± 25% of initial value for 4V)
Tan δ
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 85℃ for 1000 hours, they meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
The capacitors shall be kept on the hot plate
maintained at 250℃ for 30 seconds. After
removing from the hot plate and restored at
room temperature, they meet the characteristics
requirements listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102.
Chip type
1 Voltage mark [6V] represents 6.3V for Ф4~Ф10;
*2 [L±0.3] is applicable to Φ6.3×7.7 and Φ8×6.2;
*3 [L±0.5] is applicable to Φ8×10.5~Ф10;
*4 [L±1.0] is applicable to Φ12.5~Ф16.
Re: Date code and series type — 1st digit for Year;
2nd digit for Quarter, 4 quarter codes in one year are 1, 4, 7, O;
3rd character for Series; SS Series = S
(mm)
Ø
DxL
4x5.4
5x5.4
6.3x5.4
8x6.2
6.3x7.7
8x10.5
10x10.5/13.5
12.5x13.5
12.5x16
16x16.5/21.5
A
1.8
2.1
2.4
3.3
2.4
2.9
3.2
4.7
4.7
5.5
B
4.3
5.3
6.6
8.3
6.6
8.3
10.3
13.0
13.0
17.0
C
4.3
5.3
6.6
8.3
6.6
8.3
10.3
13.0
13.0
17.0
E±0.2
1.0
1.3
2.2
2.2
2.2
3.1
4.4
4.4
4.4
6.7
L
5.4
5.4
5.4
6.2
7.7
10.5
10.5/13.5
13.5
16.0
16.5/21.5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13C0

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13C0 SUNTAN-TS13C0 Datasheet
393Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C0 SUNTAN-TS13C0_17 Datasheet
554Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TS13C0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com