Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5451A-ISZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5451A-ISZ
Description  Six-channel, Delta-sigma Analog-to-digital Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A-ISZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS5451A-ISZ Datasheet HTML 1Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 2Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 3Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 4Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 5Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 6Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 7Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 8Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
 Cirrus Logic, Inc. 2010
(All Rights Reserved)
http://www.cirrus.com
CS5451A
Six-channel, Delta-sigma Analog-to-digital Converter
Features
• Synchronous Sampling
• On-chip 1.2 V Reference (25 ppm/°C typ.)
• Power Supply Configurations:
- VA+ = +3 V; VA- = -2 V; VD+ = +3 V
- Supply Tolerances: ±10%
• Power Consumption
- 23 mW Typical at VD+ = +3 V
• Simple Four-wire Serial Interface
• Charge pump driver output generates
negative power supply.
• Ground-referenced Bipolar Inputs
Description
The CS5451A is a highly integrated delta-sigma (
ΔΣ) an-
alog-to-digital converter (ADC) developed for the power
measurement industry. The CS5451A combines six
ΔΣ
ADCs, decimation filters, and a serial interface on a sin-
gle chip. The CS5451A interfaces directly to a current
transformer or shunt to measure current, and to a resis-
tive divider or transformer to measure voltage. The
product features a serial interface for communication
with a microcontroller or DSP. The product is initialized
and fully functional upon reset, and includes a voltage
reference.
ORDERING INFORMATION:
See page 13.
VREFIN
VREFOUT
IIN1+
IIN1-
VIN1+
VIN1-
VIN2+
VIN2-
VIN3+
VIN3-
IIN2+
IIN2-
IIN3+
IIN3-
VA+
VD+
AGND
SE
FSO
SDO
SCLK
Voltage
Reference
Serial
Interface
RESET
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
Decimation Filter
x1, 20
x1
4th Order
ΔΣ Modulator
x1
x1, 20
x1
x1, 20
x1
4th Order
ΔΣ Modulator
4th Order
ΔΣ Modulator
4th Order
ΔΣ Modulator
4th Order
ΔΣ Modulator
4th Order
ΔΣ Modulator
GAIN
CPD
OWRS
XIN
DGND
VA-
Clock
Pulse Output
Regulator
FEB ‘10
DS635F3


Similar Part No. - CS5451A-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com