Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS09 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS09
Description  High Voltage Metallized Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS09 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Metallized Polypropylene Film Capacitors
Suntan®
EXTENDED FOIL, FLAME RETARDANT EPOXY COATED
TS09
F E A T U R E S
‧ Ideal for high AC current applizations, such as CRT deflection for R-F generators and
pulse-forming networks.
‧ Temperature Coefficient is negative and variety linear over the operation temperature.
‧ Coated with flame retardative epoxy resin which provides from humidity and
mechanical damage.
S
P
E
C
I
F
I
C
A
T
I
O
N
S
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
Dissipation Factor
Insulation Resistance
-40℃ TO + 85℃
DC 1000V, 1250V, 1500, 1600V and 2000V
0.001 TO 0.15Mfd
±5%, ±10%
≤0.08% (20℃, 10KHz)
≥30000MΩ (CR≤0.1µF)
(20℃, 1min)
≥3000s
(CR>0.1µF)
VDC
Mfd
1000/1250VDC
1500/1600VDC
2000VDC
L
T
H
P
L
T
H
P
L
T
H
P
0.001
18
5.5
9
15.5
21
7
10
18
21
6.5
9.5
18.5
0.0015
18
5.5
9
15.5
21
7.5
11.5
18
21
7.5
11.5
18.5
0.0022
18
5.5
9
15.5
22
8
13.5
19
22
9
14
20
0.0033
18
5
10
15.5
22
8.5
13
19
22
8.5
13.5
20
0.0047
19
6
10
15.5
22
10
15
19
29
7.5
13.5
27
0.0068
19
6.5
11
15.5
29
7
13.5
26.5
29
8.5
15
27
0.01
20
7.5
13
17.5
29
9
15.5
26.5
29
11
17
27
0.015
20
8.5
14.5
17.5
29
10
16.5
26.5
27
11
21
27
0.022
20
9
18.5
17.5
--
--
--
--
--
--
--
--
0.033
20
12
21.5
17.5
--
--
--
--
--
--
--
--
0.047
26
13
20
22
--
--
--
--
--
--
--
--
0.068
32
13
21
27
--
--
--
--
--
--
--
--
0.1
32
17
24
27
--
--
--
--
--
--
--
--
0.15
36
19
26
30
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn