Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS07B Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS07B
Description  MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS07B Datasheet(HTML) 1 Page - Suntan Capacitors

  TS07B Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
Suntan®
TS07B
F E A T U R E S
‧ High reliability at high current stress.
‧ Self-healing properties.
‧ Flame retardant plastic case and epoxy resin.
‧ Low losses, high dv / dt capability.
‧ High moisture resistance.
‧ High stability of capacitance and long life.
SPECIFICA
T
IONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO + 85℃
250, 400, 630VDC, 1000VDC/500VAC
0.001 TO 3.3Mfd
±2%, ±5%, ±10%
30,000MOhm min. for C≦0.33uF
10,000MOhm*uF/C min. for C>0.33uF
0.1% max. at 1KHz, 25℃
150% of rated voltage for 5 sec.
Rated Cap.
250VDC
Rated Cap.
400VDC
Rated Cap.
630VDC
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
±1.0
±1.0
±1.0
±1.0
±0.05
±1.0
±1.0
±1.0
±1.0
±0.05
±1.0
±1.0
±1.0
±1.0
±0.05
4700pF
13.0
9.0
4.0
10.0
0.6
4700pF
13.0
9.0
4.0
10.0
0.6
4700pF
13.0
9.0
4.0
10.0
0.6
5600pF
13.0
9.0
4.0
10.0
0.6
5600pF
13.0
9.0
4.0
10.0
0.6
5600pF
13.0
9.0
4.0
10.0
0.6
6800pF
13.0
9.0
4.0
10.0
0.6
6800pF
13.0
9.0
4.0
10.0
0.6
6800pF
13.0
9.0
4.0
10.0
0.6
8200pF
13.0
11.0
5.0
10.0
0.6
8200pF
13.0
11.0
5.0
10.0
0.6
8200pF
13.0
11.0
5.0
10.0
0.6
0.010uF
13.0
11.0
5.0
10.0
0.6
0.010uF
13.0
11.0
5.0
10.0
0.6
0.010uF
13.0
11.0
5.0
10.0
0.6
0.012uF
13.0
11.0
5.0
10.0
0.6
0.015uF
13.0
11.0
5.0
10.0
0.6
0.012uF
13.0
11.0
5.0
10.0
0.6
0.015uF
13.0
11.0
5.0
10.0
0.6
0.022uF
13.0
11.0
5.0
10.0
0.6
0.015uF
13.0
11.0
5.0
10.0
0.6
0.018uF
13.0
11.0
5.0
10.0
0.6
0.027uF
13.0
11.0
5.0
10.0
0.6
0.022uF
13.0
12.0
6.0
10.0
0.6
0.022uF
13.0
11.0
5.0
10.0
0.6
0.033uF
13.0
11.0
5.0
10.0
0.6
18.0
11.0
5.0
15.0
0.6
0.027uF
13.0
11.0
5.0
10.0
0.6
0.047uF
13.0
12.0
6.0
10.0
0.6
0.027uF
13.0
13.0
7.0
10.0
0.6
0.033uF
13.0
11.0
5.0
10.0
0.6
0.068uF
18.0
11.0
5.0
15.0
0.6
18.0
11.0
5.0
15.0
0.6
0.039uF
13.0
11.0
5.0
10.0
0.6
0.082uF
18.0
12.0
6.0
15.0
0.8
0.033uF
13.0
13.0
7.0
10.0
0.6
0.047uF
13.0
11.0
5.0
10.0
0.6
0.10uF
18.0
12.0
6.0
15.0
0.8
18.0
12.0
6.0
15.0
0.8
0.056uF
13.0
11.0
5.0
10.0
0.6
0.15uF
18.0
14.5
8.5
15.0
0.8
0.047uF
18.0
13.5
7.5
15.0
0.8
0.068uF
13.0
12.0
6.0
10.0
0.6
0.22uF
26.5
16.5
7.0
22.5
0.8
0.068uF
18.0
14.5
8.5
15.0
0.8
0.082uF
13.0
12.0
6.0
10.0
0.6
0.27uF
26.5
16.5
7.0
22.5
0.8
0.082uF
18.0
15.5
9.5
15.0
0.8
0.10uF
13.0
12.0
6.0
10.0
0.6
0.33uF
26.5
17.0
8.5
22.5
0.8
0.10uF
18.0
16.0
10.0
15.0
0.8
0.12uF
13.0
12.0
6.0
10.0
0.6
0.47uF
26.5
19.0
10.0
22.5
0.8
0.15uF
26.5
16.0
7.0
22.5
0.8
0.15uF
13.0
12.0
6.0
10.0
0.6
0.56uF
26.5
20.0
11.5
22.5
0.8
0.18uF
26.5
17.0
8.5
22.5
0.8
18.0
11.0
5.0
15.0
0.6
0.68uF
26.5
20.0
11.5
22.5
0.8
0.22uF
26.5
19.0
10.0
22.5
0.8
0.18uF
13.0
13.0
7.0
10.0
0.6
0.82uF
31.5
19.5
11.0
27.5
0.8
0.27uF
26.5
20.0
11.5
22.5
0.8
18.0
11.0
5.0
15.0
0.6
1.0uF
32.0
22.0
13.0
27.5
0.8
0.33uF
31.5
19.5
11.0
27.5
0.8
0.22uF
18.0
12.0
6.0
15.0
0.8
1.5uF
32.0
30.0
15.0
27.5
0.8
0.39uF
31.5
21.5
13.0
27.5
0.8
26.5
15.0
6.0
22.5
0.8
2.2uF
32.0
28.0
18.0
27.5
0.8
0.47uF
31.5
25.0
14.0
27.5
0.8
0.27uF
18.0
13.0
6.3
15.0
0.8
1000VDC
26.5
15.0
6.0
22.5
0.8
Rated Cap.
W
H
T
P
d
Rated Cap.
W
H
T
P
d
0.33uF
18.0
13.5
7.5
15.0
0.8
±1.0
±1.0
±1.0
±1.0
±0.05
±1.0
±1.0
±1.0
±1.0
±0.05
26.5
16.5
7.0
22.5
0.8
1000pF
13.0
9.0
4.0
10.0
0.6
5600pF
13.0
11.0
5.0
10.0
0.6
0.39uF
18.0
14.5
8.5
15.0
0.8
1200pF
13.0
9.0
4.0
10.0
0.6
18.0
11.0
5.0
15.0
0.6
26.5
16.5
7.0
22.5
0.8
1500pF
13.0
9.0
4.0
10.0
0.6
6800pF
13.0
11.0
5.0
10.0
0.6
0.47uF
18.0
16.5
8.5
15.0
0.8
1800pF
13.0
9.0
4.0
10.0
0.6
18.0
12.0
6.0
15.0
0.8
26.5
17.0
8.5
22.5
0.8
2200pF
13.0
9.0
4.0
10.0
0.6
8200pF
13.0
12.0
6.0
10.0
0.6
0.56uF
26.5
17.0
8.5
22.5
0.8
18.0
11.0
5.0
15.0
0.6
18.0
12.0
6.0
15.0
0.8
0.68uF
26.5
19.0
10.0
22.5
0.8
2700pF
13.0
9.0
4.0
10.0
0.6
0.010uF
13.0
13.0
7.0
10.0
0.6
0.82uF
26.5
19.0
10.0
22.5
0.8
18.0
11.0
5.0
15.0
0.6
18.0
12.0
6.0
15.0
0.8
1.0uF
26.5
19.0
10.0
22.5
0.8
3300pF
13.0
9.0
4.0
10.0
0.6
0.012uF
18.0
13.5
7.5
15.0
0.8
31.5
19.5
11.0
27.5
0.8
18.0
11.0
5.0
15.0
0.6
0.015uF
18.0
13.5
7.5
15.0
0.8
1.5uF
31.5
19.5
11.0
27.5
0.8
3900pF
13.0
9.0
4.0
10.0
0.6
0.018uF
18.0
14.5
8.5
15.0
0.8
2.2uF
31.5
21.5
13.0
27.5
0.8
18.0
11.0
5.0
15.0
0.6
0.022uF
18.0
16.0
10.0
15.0
0.8
2.7uF
31.5
25.0
15.0
27.5
0.8
4700pF
13.0
11.0
5.0
10.0
0.6
0.027uF
18.0
16.0
10.0
15.0
0.8
3.3uF
31.5
25.5
16.0
27.5
0.8
18.0
11.0
5.0
15.0
0.6
0.033uF
18.0
19.0
11.0
15.0
0.8
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn