Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS05S Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS05S
Description  METALLIZED POLYESTER FILM CAPACITOR - STACKED
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS05S Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
METALLIZED POLYESTER FILM CAPACITOR – STACKED
Suntan®
NON – INDUCTIVE, PLASTIC CASE AND EPOXY RESIN
TS05S
F E A T U R E S
High dv / dt ability and small
size due to stacked
construction
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
GB7332 (IEC 60384-2)
Climatic Category
55/100/56
Rated Temperature
85℃
Operating Temperature Range
-55℃~105℃
(+85℃ to +105℃: decreasing factor 1.25% per ℃ for VR (DC))
Rated Voltage
50V/63V, 100V, 250V, 400V, 500V, 630V
Capacitance Range
0.0010µF ~ 1.5µF
Capacitance Tolerance
±
5%(J), ±10%(K), ±20%(M)
Voltage Proof
Type A: 1.6UR (5s) ; Type B: 1.4UR (5s)
Frequency
CR≦0.1µF
CR>0.1µF
1kHz
≤1.0%
≤1.0%
10kHz
≤1.5%
≤1.5%
Dissipation Factor
100kHz
≤3.0%
--
UR>100V
≥30 000MΩ, CR≤0.33µF (20℃, 100V, 1min)
≥15 000MΩ, CR≤0.33µF
Insulation Resistance
UR≤100V
≥5 000s,
CR>0.33µF
(20℃, 10V,1min)
UR (V)
dv / dt (V / µ s )
50/63
250
100
300
250
400
400
600
500
700
If the working voltage (U) is lower than the
rated voltage (UR), the capacitor can be worked
at a higher dv / dt. In this case, the maximum
allowed dv / dt is obtain by multiplying the right
value with UR /U
630
800
Dimensions (mm)
Outline Drawing
(Capacitor Tickness)T
≦3.5
>3.5
(Lead Wire Diz.)d±0.05
0.5
0.6
(Dimension Tolerance: W, H, T) ±0.2
±0.4
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn