Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS05N Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS05N
Description  METALLIZED POLYESTER FILM CAPACITOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS05N Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
METALLIZED POLYESTER FILM CAPACITOR
Suntan®
UNCOA TED,
ST AC KED
CONSTRUC TION,
SMA L L
S I Z E
TS05N FEATURES
· Uncoated, stacked construction
· Small size
Dimensions (mm)
Outline Drawing
· Applied to DC impulse and pulse circuits
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
GB7332(IEC 60384-2)
Climatic Category
55/100/56
Rated Temperature
85℃ for VR (DC)
75℃ for VR (AC)
Operating Temperature
Range
-55℃ ~ 105℃
(+85℃ to +105℃: decreasing factor 1.25% per ℃ for VR (DC)
(+75℃ to +105℃: decreasing factor 1.35% per ℃ for VR (AC)
Rated Voltage
63V, 100V, 250V, 400V, 630V, 1000V
Capacitance Range
0.0010µF ~ 33µF
Capacitance Tolerance
±5%(J), ±10%(K), ±20%(M)
Voltage Proof
1.4UR(2s)
≤0.0100(1kHz)
≤0.0150 (10kHz, CR 1.0µF)
Dissipation Factor
≤0.0300 (100kHz, CR 0.1µF)
≥3750MΩ, CR ≤0.33µF
UR ≤ 100V
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
≥1250s, CR>0.33µF
≥3750MΩ, CR ≤0.33µF
UR ≤ 100V,
Charging Voltage 10V,
UR ≥ 100V,
Insulation Resistance
UR ≥ 100V
Charging Voltage 100V
≥2500s, CR>0.33µF
(20℃, 1min)
UR(VDC)
P(mm)
63
100
250
400
630
1000
5
120
150
250
300
400
-
7.5
120
150
200
275
320
400
10
-
75
150
175
-
-
15
-
50
100
125
150
-
22.5
-
50
100
125
-
-
dV/dt(V/s)Maximum
Pulse Rise Time
27.5
-
25
50
60
-
-
Lead Pitch: P ± 1
5.0 7.5 10.0 15.0 22.5 27.5
Lead Diameter: Фd ± 0.05
0.5
0.6
0.8


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn