Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS05M Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS05M
Description  METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS05M Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
Suntan®
FOR ENERGY LAMP
TS05M
F E A T U R E S
‧ Uncoated, stacked construction, small size
‧ Very high stability versus temperature, frequency ,voltage, time
and humidity
‧ Reliable quality
‧ No piezoelectric effect ,non-polar construction, non-linearity distortion
‧ Very low ESR, very low noise level
‧ No cracking under thermal impact or mechanical bump
A P P L I C A T I O N S
‧ Telecom (XDSL, Mobile phone, Blue tooth)
‧ Automotive(Engine control system, Safety system,
navigation system)
‧ Consumer(LCD,DVD)
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
IEC60384-20
Climatic Category
55/125/56
Rated Temperature
105℃
Operating Temperatur Range
-55℃ ~ 125℃(+105℃ to + 125℃:decreasing factor 1.25% per ℃ for VR(DC))
Rated Voltage
16V, 50V
Capacitance Range
0.0001µF ~ 0.1µF
Capacitance Tolerance
±5%(J), ±10%(K)
Voltage Proof
1.50UR (5s)
Dissipation Factor
≤0.006 (1KHz)
Insulation Resistance
≥3000MΩ
UR=16,10V
UR=50,50V(20℃,1min)
Maximum Pulse Rise Time
100
Welding process
Reflow
Dimensions (mm)
Dimensions Code
0805
1206
1210
1812
L
2.0+-0.2
3.2+-0.2
3.2+-0.2
4.5+-0.5
W
1.25+-0.2
1.6+-0.2
2.5+-0.2
3.2+-0.5
µF
16V
50V
µF
16V
50V
Size
H+-0.2
Size
H+-0.2
Size
H+-0.2
Size
H+-0.2
0.0001
--
--
0805
0.9
0.0047
0805
0.9
1206
0.9
0.00012
--
--
0805
0.9
0.0056
0805
0.9
1206
0.9
0.00015
--
--
0805
0.9
0.0068
0805
0.9
1206
0.9
0.00018
--
--
0805
0.9
0.0082
0805
1.1
1206
1.1
0.00022
--
--
0805
0.9
0.01
0805
1.1
1206
1.1
0.00033
--
--
0805
0.9
0.012
1206
0.9
1206
1.1
0.00047
--
--
0805
0.9
0.015
1206
0.9
1210
1.1
0.00056
--
--
0805
0.9
0.018
1206
0.9
1210
1.1
0.00068
--
--
0805
0.9
0.022
1206
0.9
1210
1.1
0.00082
--
--
0805
0.9
0.027
1206
1.1
1210
1.5
0.001
--
--
0805
0.9
0.033
1206
1.1
1210
2.1
0.0012
--
--
0805
0.9
0.039
1206
1.5
1210
2.1
0.0018
--
--
0805
0.9
0.047
1206
1.5
1210
2.1
0.0022
--
--
0805
0.9
0.056
1210
1.5
1812
1.4
0.0027
--
--
0805
0.9
0.068
1210
1.5
1812
1.4
0.0033
0805
0.9
1206
0.9
0.082
1210
1.5
1812
1.4
0.0039
0805
0.9
1206
0.9
0.1
1210
2.1
1812
2.0
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn