Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS05D Datasheet(PDF) 2 Page - Suntan Capacitors

Part No. TS05D
Description  METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS05D Datasheet(HTML) 2 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Suntan®
FOR ENERGY LAMP
TS05D
Pattern I
50/63VDC
100VDC
250VDC
400VDC
630VDC
50/63VDC
100VDC
µF
Size
H±0.2
Size
H±0.2
Size
H±0.2
Size
H±0.2
Size
H±0.2
µF
Size
H±0.2
Size
H±0.2
0.001
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.1
1812
2.0
1812
2.0
0.0012
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.12
1812
1.4
2220
1.4
0.0015
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.15
1812
1.4
2220
1.4
0.0018
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.18
1812
2.0
2220
1.4
0.0027
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.22
1812
2.0
2220
1.8
0.0033
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.27
2220
1.4
2220
2.4
0.0039
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.33
2220
1.4
2220
2.8
0.0047
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.39
2220
1.8
2220
--
0.0056
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.47
2220
1.8
2220
--
0.0068
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.8
0.56
2220
2.4
2220
--
0.0082
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
2.0
0.68
2220
2.8
2220
--
0.01
1812
1.4
1812
1.4
1812
1.4
1812
2.0
2220
2.4
0.012
1812
1.4
1812
1.4
1812
1.4
1812
2.0
2220
2.8
0.015
1812
1.4
1812
1.4
1812
1.4
2220
1.4
2220
3.6
0.018
1812
1.4
1812
1.4
2220
1.4
2220
1.4
2220
4.0
0.022
1812
1.4
1812
1.4
2220
1.8
2220
2.0
--
--
0.027
1812
1.4
1812
1.4
2220
2.0
2220
2.4
--
--
0.033
1812
1.4
1812
1.4
2220
1.4
2220
2.8
--
--
0.039
1812
1.8
1812
1.8
2220
1.4
2220
3.2
--
--
0.047
1812
2.0
1812
2.0
2220
1.8
2220
3.6
--
--
0.056
1812
1.4
1812
1.4
2220
1.8
--
--
--
--
0.068
1812
1.4
1812
1.4
2220
2.4
--
--
--
--
0.082
1812
1.4
1812
1.4
--
--
--
--
--
--
Pattern II
50/60VDC
100VDC
250VDC
µF
Size
H±0.2
Size
H±0.2
Size
H±0.2
0.001
1206
1.1
1206
1.1
1206
1.1
0.0012
1206
1.1
1206
1.1
1206
1.1
0.0015
1206
1.1
1206
1.1
1206
1.1
0.0018
1206
1.1
1206
1.1
1206
1.1
0.0022
1206
1.1
1206
1.1
1206
1.1
0.0027
1206
1.1
1206
1.1
1206
1.1
0.0033
1206
1.1
1206
1.1
1206
1.1
0.0039
1206
1.1
1206
1.1
1206
1.5
0.0047
1206
1.1
1206
1.1
1206
1.5
0.0056
1206
1.1
1206
1.1
1210
1.5
0.0068
1206
1.1
1206
1.1
1210
1.5
0.0082
1206
1.1
1206
1.1
1210
1.5
0.01
1206
1.1
1206
1.1
1210
2.1
0.012
1206
1.1
1206
1.1
1210
2.1
0.015
1206
1.1
1206
1.1
*
*
0.018
1206
1.1
1210
1.1
1812
1.4
0.022
1206
1.1
1210
1.1
1812
1.8
0.027
1206
1.1
1210
1.5
1812
2.0
0.033
1206
1.5
1210
1.5
1812
2.4
0.039
1210
2.1
1210
2.1
*
*
0.047
1210
2.1
1210
2.1
*
*
0.056
1210
1.5
*
*
*
*
0.068
1210
1.5
*
*
*
*
0.082
1210
2.1
*
*
2220
2.8
0.1
1210
2.1
*
*
2220
3.2
0.12
*
*
1812
2.4
2220
4.0
0.15
*
*
*
*
--
--
0.18
*
*
*
*
--
--
0.22
*
*
*
*
--
--
0.27
*
*
*
*
----
--
0.33
*
*
*
*
--
--
0.39
*
*
2220
3.2
--
--
0.47
*
*
2220
4.0
--
--
0.56
*
*
2220
4.4
--
--
0.68
*
*
--
--
--
--
0.82
2220
3.2
--
--
--
--
1.0
2220
4.0
--
--
--
--
NOTE: ‘*’ indicates it is as same as the pattern I
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn