Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS04C Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS04C
Description  METALLIZED POLYPROPYLEME FILM CAPACITOR - AXIAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS04C Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYPROPYLEME FILM CAPACITOR - AXIAL
Suntan®
AXIAL LEAD, METALLIZE POLYPROPYLENE FILM - CYCLOIDAL
TS04C
F E A T U R E S
TS04C is constructed with metallized polyester film as medium and electricode,
wrapped and sealed with flame-retardant plastic and epoxy resin. With high reliability,
high temperature-resistance, small volume, large capacity and good self-healing
property.
Mainly used in instruments and the DC & AC circuit of the household equipment and
the fractional frequency circuit of acoustics system.
SPECIFICA T IONS
OPERATING TEMPERATURE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
RATED VOLTAGE
WITHSLAND VOLAGE
DISSIPATION FACTOR
INSULATION RESISTANCE
-55
TO + 10
0℃
0.047µF ~ 56µF
J (±5%), K (±10%)
250V, 400V, 630V, 1000V, 1250V (DC)
1.7VR 2s (1.5VR 5s)
C<0.1µF
≤0.0015
10KHz
0.1µF<C≤1µF ≤0.0020
10KHz
1µF<C≤4.7µF ≤0.0030
10HKz
C>4.7µF
≤0.0015
1KHz
C≤0.33µF ≥50000MΩ
C>0.33µF ≥15000S
250VDC
400VDC
630VDC
1000VDC
1250VDC
CAP
L
D
d
L
D
d
L
D
d
L
D
d
L
D
d
473
0.047
16.0
7.0
0.6
16.0
7.0
0.6
16.0
8.0
0.8
21.0
9.0
0.8
26.0
9.0
0.8
683
0.068
16.0
7.5
0.6
21.0
10.5
0.8
16.0
9.0
0.8
26.0
9.0
0.8
26.0
10.5
0.8
104
0.1
16.0
6.0
0.6
16.0
7.0
0.8
26.0
10.0
0.8
26.0
10.0
0.8
32.0
11.5
0.8
224
0.22
16.0
8.0
0.6
16.0
9.0
0.8
21.0
12.0
0.8
26.0
14.0
0.8
32.0
15.5
0.8
334
0.33
21.0
7.5
0.6
21.0
8.5
0.8
26.0
12.0
0.8
32.0
15.0
0.8
37.0
16.5
0.8
474
0.47
29.0
8.5
0.8
21.0
9.5
0.8
26.0
13.5
0.8
37.0
16.0
0.8
37.0
19.0
0.8
684
0.68
21.0
10.0
0.8
26.0
10.0
0.8
26.0
16.0
0.8
37.0
18.5
0.8
48.0
20.0
0.8
105
1.0
21.0
12.0
0.8
26.0
12.0
0.8
32.0
16.5
0.8
48.0
19.0
0.8
48.0
23.5
0.8
225
2.2
26.0
14.5
0.8
32.0
14.5
0.8
37.0
21.5
0.8
58.0
24.5
0.8
58.0
30.0
0.8
335
3.3
26.0
17.0
0.8
32.0
17.5
0.8
37.0
26.0
0.8
58.0
29.0
0.8
68.0
33.5
0.8
405
4.0
26.0
18.5
0.8
37.0
17.0
0.8
48.0
24.5
0.8
68.0
29.0
0.8
--
--
--
475
4.7
32.0
17.5
0.8
37.0
18.5
0.8
48.0
26.5
0.8
68.0
31.5
0.8
--
--
--
565
5.6
37.0
17.0
0.8
37.0
20.0
0.8
58.0
25.5
0.8
68.0
34.5
0.8
--
--
--
685
6.8
37.0
18.5
0.8
48.0
19.0
0.8
58.0
28.0
0.8
--
--
--
--
--
--
825
8.2
48.0
17.5
0.8
48.0
20.5
0.8
68.0
27.5
0.8
--
--
--
--
--
--
106
10.0
48.0
19.0
0.8
48.0
23.0
0.8
68.0
30.5
0.8
--
--
--
--
--
--
156
15.0
58.0
20.5
0.8
58.0
24.5
0.8
--
--
--
--
--
--
--
--
--
226
22.0
58.0
25.0
0.8
58.0
29.0
0.8
--
--
--
--
--
--
--
--
--
306
30.0
58.0
29.0
0.8
68.0
30.5
0.8
--
--
--
--
--
--
--
--
--
336
33.0
68.0
27.5
0.8
68.0
32.5
0.8
--
--
--
--
--
--
--
--
--
396
39.0
68.0
29.5
0.8
68.0
35.0
0.8
--
--
--
--
--
--
--
--
--
476
47.0
68.0
33.0
0.8
--
--
--
--
--
--
--
--
--
--
--
--
566
56.0
68.0
35.5
0.8
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn