Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS01 Datasheet(PDF) 1 Page - Suntan Capacitors

Part No. TS01
Description  POLYESTER FILM CAPACITOR-PEI
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNTAN [Suntan Capacitors]
Homepage  http://www.suntan.com.hk
Logo 

TS01 Datasheet(HTML) 1 Page - Suntan Capacitors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POLYESTER FILM CAPACITOR-PEI
Suntan®
INDUCTIVE WELDED CONSTRUCTION EPOXY DIP COATED
TS01
F E A T U R E S
Good reputation in use with consumer & industrial electronics.
Optimum for automatic insertion due to their small size and light weight.
Coated with epoxy resin for superior heat resistance, humidity resistance and solvent resistance.
SP ECIFICA T IONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO + 85℃
DC 100V,250V,400V,630V,1000V,1200V
0.00027 TO 0.47µF
±5%, ±10%, ±20%
0.1
µF 30,000 M
Ω min, >0.1µF >15000 MΩ
0.1 (AT 1KHZ)
200% of rated voltage for 5sec.
100V
Miniature Size 100V
250V
400V
630V
VDC
Mfd
L
H
T
P±1
L
H
T
P±1
L
H
T
P±1
L
H
T
P±1
L
H
T
P±1
0.00047
7.0
12.0
4.0
4.0
6.0
8.5
3.5
4.0
--
--
--
--
--
--
--
--
--
--
--
--
0.00027
7.5
11.0
4.5
4.0
6.0
8.5
3.5
4.0
--
--
--
--
--
--
--
--
--
--
--
--
0.00068
6.5
11.0
4.5
4.0
6.0
8.5
3.5
4.0
--
--
--
--
--
--
--
--
--
--
--
--
0.001
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
6.0
12.5
3.5
3.5
0.0012
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
6.0
12.5
3.5
3.5
0.0015
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
6.5
12.5
3.5
4.0
0.0018
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
6.5
12.5
3.5
4.0
0.0020
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
--
--
--
--
0.0022
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
7.0
12.5
4.0
4.0
0.0027
6.0
10.5
3.5
3.5
6.5
8.5
4.0
4.0
6.0
10.5
3.5
3.5
6.0
10.5
3.5
3.5
7.0
12.5
4.0
4.0
0.0033
6.0
10.5
3.5
4.0
6.5
8.5
4.0
4.0
6.0
10.5
3.5
4.0
6.0
10.5
3.5
4.0
7.0
13.0
4.0
4.0
0.0039
6.0
10.5
3.5
4.0
6.5
8.5
4.0
4.0
6.0
10.5
3.5
4.0
6.0
10.5
3.5
4.0
8.0
13.0
4.5
4.5
0.0047
6.5
10.5
3.5
4.0
6.5
8.5
4.0
4.0
6.5
10.5
3.5
4.0
6.5
10.5
3.5
4.0
8.0
13.0
4.5
4.5
0.0056
6.5
10.5
4.0
4.0
6.5
8.5
4.0
4.0
6.5
10.5
4.0
4.0
6.5
10.5
4.0
4.0
8.5
13.0
5.0
4.5
0.0068
7.0
10.5
4.0
4.0
6.5
8.5
4.0
4.0
7.0
10.5
4.0
4.0
7.0
10.5
4.0
4.0
9.0
13.0
5.0
6.0
0.0082
7.0
10.5
4.0
4.0
7.0
8.5
4.0
4.0
7.0
10.5
4.0
4.0
7.0
10.5
4.0
4.0
9.0
13.5
6.0
6.0
0.01
6.5
10.5
4.0
4.0
7.0
8.5
4.0
4.0
6.5
10.5
4.0
4.0
7.5
12.5
4.0
4.5
9.0
13.5
6.0
6.0
0.012
7.0
10.5
4.0
4.0
6.5
10.0
4.0
4.0
7.0
10.5
4.0
4.0
7.5
12.5
4.5
5.0
8.5
13.5
5.5
6.0
0.015
7.5
10.5
4.5
5.0
7.0
10.0
4.0
4.0
7.5
10.5
4.5
5.0
8.0
13.0
5.5
6.0
9.5
13.5
5.5
6.0
0.018
7.5
10.5
4.5
5.0
7.0
10.0
4.0
4.0
7.5
10.5
4.5
5.0
8.5
13.0
5.5
6.0
9.5
13.5
5.5
6.0
0.022
8.0
11.0
5.0
5.0
7.0
10.0
4.0
4.5
8.0
11.0
5.0
5.0
9.5
13.5
5.5
7.0
11.0
13.5
6.5
7.0
0.027
8.5
11.0
5.5
5.0
7.5
10.0
4.0
5.0
8.5
11.0
4.5
5.0
10.5
13.5
6.0
7.0
11.0
13.5
7.5
7.0
0.033
8.0
12.5
4.5
5.0
8.0
10.5
4.5
5.0
8.0
12.5
4.5
5.0
10.5
13.5
6.0
7.0
--
--
--
--
0.039
8.5
13.0
5.0
5.0
8.0
10.0
4.5
5.0
8.5
13.0
5.0
5.0
9.5
13.5
6.0
7.0
12.5
13.5
8.0
8.0
0.040
8.5
13.0
5.0
5.0
8.0
10.0
4.5
5.0
8.5
13.0
5.0
5.0
--
--
--
--
--
--
--
--
0.047
8.5
13.0
5.0
5.0
8.5
10.5
5.0
5.5
8.5
13.0
5.0
5.0
11.5
13.5
7.0
7.5
13.5
14.0
8.5
8.0
0.056
9.0
13.5
5.5
6.0
9.0
10.5
5.0
6.0
9.0
13.5
5.5
6.0
12.0
14.0
8.0
8.0
--
--
--
--
0.068
9.5
13.0
6.0
6.5
9.0
11.0
5.5
6.0
9.5
13.0
6.0
6.5
12.5
13.5
8.0
8.0
--
--
--
--
0.082
10.0
13.5
6.0
6.5
9.5
11.0
6.0
6.5
10.0
13.5
6.0
6.5
--
--
--
--
--
--
--
--
0.1
10.5
13.5
6.0
7.0
10.5
11.0
6.5
6.5
11.0
13.5
6.0
7.0
12.5
17.0
8.5
8.0
--
--
--
--
0.12
10.5
13.5
6.0
7.0
10.5
11.5
7.0
7.0
11.5
14.0
7.0
7.0
--
--
--
--
--
--
--
--
0.15
11.0
13.5
6.5
7.5
11.0
12.5
6.0
7.5
--
--
--
--
--
--
--
--
--
--
--
--
0.18
11.5
14.0
7.5
7.5
11.5
13.5
7.0
8.0
--
--
--
--
--
--
--
--
--
--
--
--
0.22
12.0
14.0
8.0
7.5
12.5
13.5
8.0
8.0
--
--
--
--
--
--
--
--
--
--
--
--
0.27
13.0
15.5
8.5
7.5
13.0
14.0
9.0
8.5
--
--
--
--
--
--
--
--
--
--
--
--
0.33
13.0
16.5
9.0
8.0
14.5
14.0
8.5
10.0
--
--
--
--
--
--
--
--
--
--
--
--
0.39
13.5
16.5
9.0
8.0
15.5
14.0
9.0
10.5
--
--
--
--
--
--
--
--
--
--
--
--
0.47
15.5
16.5
10.0
8.5
16.5
14.5
10.0
11.5
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn