Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

361022-D01 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 361022-D01
Description  POWER CORD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

361022-D01 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  361022-D01 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
361022-D01
Description:
POWER CORD
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
K.Huang
09-01-94
09-01-94
JJH / 09-01-94
UNIT: mm
CONTROLLED
NOTES:
1.
CORDAGE: H05VV-F, 2x0.75mm, UNSHIELDED,
CEE COLOR CODE, TEMP. RATING 70°C,
RATING: 250V 2.5A, JACKET COLOR: BLACK
2.
PLUG: CEE7/XVI
3.
OTHER END: ROJ 50mm STRIP 5mm
4.
APPROVALS: GERMANY, SWITZERLAND, DENMARK,
NORWAY, FINLAND, FRANCE, BELGIUM, ITALY, NETHERLANDS,
SWEDEN, AUSTRIA
5.
ROHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
2500 mm
50 mm
5 mm
REV. B
B
RoHS Compliancy
06-01-06
DP
2
1
3


Similar Part No. - 361022-D01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
36102 BELDEN-36102 Datasheet
145Kb / 2P
   Lead Wire, #2 Str TC, CSPE Ins, 5000V
01-20-2023
36102-010500 BELDEN-36102-010500 Datasheet
145Kb / 2P
   Lead Wire, #2 Str TC, CSPE Ins, 5000V
01-20-2023
logo
Qualtek Electronics Cor...
361020-D01 QUALTEK-361020-D01 Datasheet
166Kb / 1P
   POWER CORD
logo
Wurth Elektronik GmbH &...
3610213126S WURTH-3610213126S Datasheet
180Kb / 2P
   WE-SHC Shielding Cabinet
logo
Murata Manufacturing Co...
36102C MURATA-36102C Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
More results

Similar Description - 361022-D01

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
362003-E01 QUALTEK-362003-E01 Datasheet
161Kb / 1P
   POWER CORD
362005-E01 QUALTEK-362005-E01 Datasheet
160Kb / 1P
   POWER CORD
319002-T01 QUALTEK-319002-T01 Datasheet
177Kb / 1P
   POWER CORD
366042-D01 QUALTEK-366042-D01 Datasheet
166Kb / 1P
   POWER CORD
369004-E01 QUALTEK-369004-E01 Datasheet
165Kb / 1P
   POWER CORD
311019-01 QUALTEK-311019-01 Datasheet
177Kb / 1P
   POWER CORD
312011-01 QUALTEK-312011-01 Datasheet
174Kb / 1P
   POWER CORD
221001-08 QUALTEK-221001-08 Datasheet
166Kb / 1P
   POWER CORD
223021-01 QUALTEK-223021-01 Datasheet
188Kb / 1P
   POWER CORD
229054-01 QUALTEK-229054-01 Datasheet
163Kb / 1P
   POWER CORD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com