Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS3V9B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # UDZS3V9B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

UDZS3V9B Datasheet(HTML) 2 Page - Rectron Semiconductor

  UDZS3V9B Datasheet HTML 1Page - Rectron Semiconductor UDZS3V9B Datasheet HTML 2Page - Rectron Semiconductor UDZS3V9B Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
Notes 1. The Zener Voltage is tested under pulse condition of 40mS.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances,contact your nearest Rectron Electronics representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of
the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min.
Max.
IZT
(mA)
ZZT @ IZT
(W
(W
)
Max.
IZK
(mA)
ZZK @ IZK
( )
Max.
IR @ VR
(uA)
Max.
VR
(Volts)
UDZS3V6B
D0
3.60
3.85
5
90
1
600
4.5
1
UDZS3V9B
D1
3.89
4.16
5
90
1
600
2.7
1
UDZS4V3B
D2
4.17
4.43
5
90
1
600
2.7
1
UDZS4V7B
D3
4.55
4.75
5
80
1
500
2.7
2
UDZS5V1B
D4
4.98
5.20
5
60
1
500
1.8
2
UDZS5V6B
D5
5.49
5.73
5
40
1
300
0.9
2
UDZS6V2B
D6
6.06
6.33
5
40
1
150
2.7
4
UDZS6V8B
D7
6.65
6.93
5
30
1
75
1.8
4
UDZS7V5B
D8
7.28
7.60
5
30
1
75
0.9
5
UDZS8V2B
D9
8.02
8.36
5
30
1
75
0.63
5
UDZS9V1B
DA
8.85
9.23
5
30
1
90
0.45
6
UDZS10VB
DB
9.77
10.21
5
20
1
150
0.18
7
UDZS11VB
DC
10.76
11.22
5
20
1
150
0.09
8
UDZS12VB
DE
11.74
12.24
5
20
1
150
0.09
8
UDZS13VB
DF
12.91
13.49
5
40
1
160
0.09
8
UDZS15VB
DG
14.34
14.98
5
40
1
190
0.045
10.5
UDZS16VB
DH
15.85
16.51
5
40
1
190
0.045
11.2
UDZS18VB
DJ
17.56
18.35
5
50
1
220
0.045
12.6
UDZS20VB
DK
19.52
20.39
5
60
1
220
0.045
14.0
UDZS22VB
DL
21.54
22.47
5
80
1
240
0.045
15.4
UDZS24VB
DM
23.72
24.78
5
80
1
240
0.045
16.8
UDZS27VB
DN
26.19
27.53
5
100
0.5
300
0.045
18.9
UDZS30VB
DP
29.19
30.69
5
100
0.5
300
0.045
21.0
UDZS33VB
DR
32.15
33.79
5
100
0.5
310
0.045
23.0
UDZS36VB
DS
35.07
36.87
5
100
0.5
330
0.045
25.2


Similar Part No. - UDZS3V9B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS3V9B SECOS-UDZS3V9B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
UDZS3V9B TSC-UDZS3V9B Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Yea Shin Technology Co....
UDZS3V9B YEASHIN-UDZS3V9B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
UDZS3V9B TSC-UDZS3V9B Datasheet
446Kb / 4P
   Surface Mount Flat Lead Plastic Package Zener Diode
logo
Tak Cheong Electronics ...
UDZS3V9BW TAK_CHEONG-UDZS3V9BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - UDZS3V9B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
logo
Micro Commercial Compon...
LLUDZS36B MCC-LLUDZS36B Datasheet
451Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
logo
Rectron Semiconductor
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
logo
Micro Commercial Compon...
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com