Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT25 Datasheet(PDF) 4 Page - Won-Top Electronics

Part No. MT25
Description  25, 35A THREE PHASE BRIDGE RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MT25 Datasheet(HTML) 4 Page - Won-Top Electronics

  MT25 Datasheet HTML 1Page - Won-Top Electronics MT25 Datasheet HTML 2Page - Won-Top Electronics MT25 Datasheet HTML 3Page - Won-Top Electronics MT25 Datasheet HTML 4Page - Won-Top Electronics MT25 Datasheet HTML 5Page - Won-Top Electronics MT25 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
120°
(Rect)
MT35Series
Total Output Current (A)
1
10
100
1000
00.5
11.5
22.5
33.5
4
Instantaneous Forward Voltage (V)
MT35 Series
T = 15O°C
T = 25°C
J
J
Per Junction
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5K/W
4 K/W
3 K/W
2 K
/W
1
K/W
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
120°
(Rect)
Total Output Current (A)
MT35 Series
T = 150°C
J
100
150
200
250
300
350
400
450
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
MT35 Series
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
MT35 Series
MT25, 35 SERIES
4 of 6
© 2002 Won-Top Electronics


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn