Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

34586 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part No. 34586
Description  LM259X Inductor 33 關Hy 1.10 ADC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34586 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34586 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
.508 MAX
(12.90)
.417 ±.006
(10.6)
602
14845
YYWW
.342 MAX
(8.68)
.380 MAX
(9.65)
.342 MAX
(8.68)
.098
(2.49)
.008
(0.20)
.010
(0.25)
.028
(0.71)
NOTE:
COPLANARITY OF ±.004
ACROSS ALL LEADS
AGENCY APPROVAL:
N/A
+
-
+
-
+
-
PART NUMBER
REV
PAGE
1
34586
TOLERANCES
UNLESS
OTHERWISE
NOTED
2 PLACE
3 PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
33 µHy 1.10 ADC
1,2,3
4,5,6
A
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 3 to 4 thru 6 ) = 33 - 42 µH
2. DC RESISTANCE:
(1 thru 3 to 4 thru 6 ) = .075 Ohms Max.
3. SRF: 2.0 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67148450


Similar Part No. - 34586

ManufacturerPart No.DatasheetDescription
Festo Corporation.
Festo Corporation.
34586 FESTO-34586 Datasheet
84Kb / 1P
   Vacuum suction cup
6/7/22
Molex Electronics Ltd.
Molex Electronics Ltd.
34586-0001 MOLEX4-34586-0001 Datasheet
105Kb / 2P
   MX123??0.64mm (.025") Grommet Seal Plug
34586-0001 MOLEX5-34586-0001 Datasheet
853Kb / 8P
   SEALED CONNECTOR SYSTEM MX123 QUAD ROW
More results

Similar Description - 34586

ManufacturerPart No.DatasheetDescription
SCHOTT CORPORATION
SCHOTT CORPORATION
34542 SCHOTT-34542 Datasheet
12Kb / 1P
   LM259X Inductor 33 關Hy 1.10 ADC
34578 SCHOTT-34578 Datasheet
14Kb / 1P
   LM259X Inductor 33 關Hy .40 ADC
34644 SCHOTT-34644 Datasheet
15Kb / 1P
   LM259X Inductor 33 關Hy 3.60 ADC
34534 SCHOTT-34534 Datasheet
12Kb / 1P
   LM259X Inductor 33 關Hy .40 ADC
34551 SCHOTT-34551 Datasheet
12Kb / 1P
   LM259X Inductor 33 關Hy 1.37 ADC
34604 SCHOTT-34604 Datasheet
15Kb / 1P
   LM259X Inductor 33 關Hy 2.70 ADC
34560 SCHOTT-34560 Datasheet
13Kb / 1P
   LM259X Inductor 33 關Hy 2.70 ADC
34568 SCHOTT-34568 Datasheet
13Kb / 1P
   LM259X Inductor 33 關Hy 3.60 ADC
34536 SCHOTT-34536 Datasheet
12Kb / 1P
   LM259X Inductor 330 關Hy .30 ADC
34545 SCHOTT-34545 Datasheet
13Kb / 1P
   LM259X Inductor 330 關Hy .42 ADC
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz