Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1050K Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR1050K
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR1050K Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR1050K Datasheet HTML 1Page - Rectron Semiconductor SR1050K Datasheet HTML 2Page - Rectron Semiconductor SR1050K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.01
0.001
0.1
1.0
10
0
2
4
6
8
10
12
20
40
60
80
100
120
140
150
100
50
0
0
0.2 0.4
0.8
1.0
1.4 1.6
0.1
1.0
10
50
1.2
0.6
1.8
RATING AND CHARACTERISTICS CURVES ( SR1020K THRU SR10200K )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
100
800
600
400
200
1000
2000
4000
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
125
150
25
0
50
100
75
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Length
TA = 125 OC
TA = 25 OC
TA = 75 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR1080K~SR10200K
SR1020K~SR1045K
SR1050K~SR1060K
SR1020K~SR1040K
SR1050K~SR1060K
SR1080K~SR10200K
TJ = 25 OC
SR10
20K~
SR10
45K
SR10
50K
~SR1
0200
K


Similar Part No. - SR1050K

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SR1050 SAMYANG-SR1050 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SR1050 BYTES-SR1050 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR1050 SEMTECH_ELEC-SR1050 Datasheet
383Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1050 TSC-SR1050 Datasheet
200Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
SAMYANG ELECTRONICS CO....
SR1050 SAMYANG-SR1050 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1050K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR1020S RECTRON-SR1020S Datasheet
29Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10.0 Amperes
ISR10200 RECTRON-ISR10200 Datasheet
268Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 10.0 Amperes
MBR20200CS RECTRON-MBR20200CS Datasheet
657Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
2022-04/52 REV:A
SR4020C RECTRON-SR4020C Datasheet
865Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1020T PANJIT-SD1020T Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD1020YT PANJIT-SD1020YT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
   Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
Rectron Semiconductor
SR20H200C RECTRON-SR20H200C Datasheet
966Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20.0 Amperes
2022-04/52 REV:A
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com