Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR830K Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR830K
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR830K Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR830K Datasheet HTML 1Page - Rectron Semiconductor SR830K Datasheet HTML 2Page - Rectron Semiconductor SR830K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR8200K
THRU
SR820K
D-PAK
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
150
60
3
700
450
Amps
0
C/W
0
C
Storage Temperature Range
R q J A
R q J C
IO
pF
Operating Temperature Range
TJ
SR820K
20
150
-55 to + 150
0
C
SR830K
SR845K
SR835K SR840K
SR850K SR860K
30
40
45
60
14
21
28
32
42
20
30
40
35
25
35
45
50
35
50
60
SR880K SR8100K SR8150K SR8200K
SR820K SR830K
SR845K
SR835K SR840K
SR850K SR860K SR880K SR8100K SR8150K SR8200K
80
100
150
200
80
100
150
200
56
70
105
140
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
5. Suffix "S" for D2-PAK Pkg.
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
0.2
2
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
.85
FEATURES
* High reliability
* Low switching loss
* Low forward voltage drop
* High current capability
* High switching capability
* Epoxy: Device has UL flammability classification 94V-O
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting: position: Any
* Weight: 0.33 grams
MECHANICAL DATA
Dimensions in inches and (millimeters)
.264 (6.7)
.248 (6.3)
.098 (2.5)
.083 (2.1)
.024 (0.6)
.016 (0.4)
.217 (5.5)
.201 (5.1)
.031 (0.8)
.016 (0.4)
.183 (4.65)
TYP .091
(2.30)
TYP .020
(0.50)
.179 (4.55)
PIN 1
PIN 2
PIN 3
HEATSINK
PIN1
PIN3


Similar Part No. - SR830K

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
SR830 HORNBY-SR830 Datasheet
294Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR830 RECTRON-SR830 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
CHENG-YI ELECTRONIC CO....
SR830 CHENG-YI-SR830 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR830 DGNJDZ-SR830 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
SR830 HY-SR830 Datasheet
433Kb / 3P
   Schottky Barrier Recitifiers
More results

Similar Description - SR830K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SR0520 RECTRON-SR0520 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SR0220 RECTRON-SR0220 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com