Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

06250-SS Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. 06250-SS
Description  FAN FILTER SCREEN (60mm)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

06250-SS Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
MATERIAL:
(1)FRAME: SUS304 STAINLESS STEEL WITH 0.6mm THICKNESS
(2)MESH: 24#/25.4mm STAINLESS STEEL
2.
FINISH: ELECTROLYZE
3.
GENERAL TOLERANCE UNLESS NOTED IS ± 0.5mm
4.
RoHS COMPLIANT
B. ZHANG
05-23-02
05-23-02
JJH / 05-23-02
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number: 06250-SS
Description:
FAN FILTER SCREEN (60mm)
Tolerance
+/-
(mm)
Dim
range
(mm)
0-5
5-16
16-64
64-250
250-1000
1000-1500
Drawn / Date
Checked / Date
Approved / Date
0.1
0.15
0.2
0.4
0.5
1.0
UNIT: mm
REV: C
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Specifications
06-01-06
04-02-08
CONTROLLED
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
Ø4.32 ± 0.2
R7.5
4.75
DP
DP


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn