Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # SE5
Description  SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SE5 Datasheet(HTML) 4 Page - Rectron Semiconductor

  SE5 Datasheet HTML 1Page - Rectron Semiconductor SE5 Datasheet HTML 2Page - Rectron Semiconductor SE5 Datasheet HTML 3Page - Rectron Semiconductor SE5 Datasheet HTML 4Page - Rectron Semiconductor SE5 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mounting Pad Layout
Dimensions in inches and (millimeters)
0.035MIN.
(0.90 MIN.)
0.165
0.030 MIN.
(0.75 MIN.)
(4.19) REF


Similar Part No. - SE5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE5 RECTRON-SE5 Datasheet
240Kb / 7P
   SURFACE MOUNT SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
2021-10 REV:F
logo
Littelfuse
SE500 LITTELFUSE-SE500 Datasheet
656Kb / 3P
   Gas Discharge Tubes
Revised: 12/12/17
logo
Skyworks Solutions Inc.
SE5007T SKYWORKS-SE5007T Datasheet
367Kb / 11P
   SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
   SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-EK1 SKYWORKS-SE5007T-EK1 Datasheet
367Kb / 11P
   SE5007T: 5 GHz Front End Module with Power Detector
More results

Similar Description - SE5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE1L RECTRON-SE1L_V01 Datasheet
217Kb / 7P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
2021-10 REV: D
05E1 RECTRON-05E1 Datasheet
44Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
05E1L RECTRON-05E1L Datasheet
44Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
SE1L RECTRON-SE1L Datasheet
441Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101B RECTRON-EFM101B Datasheet
68Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFMB101 RECTRON-EFMB101 Datasheet
59Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com