Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTF015N03 Datasheet(PDF) 1 Page - Rohm

Part # RTF015N03
Description  2.5V Drive Nch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTF015N03 Datasheet(HTML) 1 Page - Rohm

  RTF015N03 Datasheet HTML 1Page - Rohm RTF015N03 Datasheet HTML 2Page - Rohm RTF015N03 Datasheet HTML 3Page - Rohm RTF015N03 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.A
2.5V Drive Nch MOSFET
RTF015N03
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low On-resistance.
2) Space saving, small surface mount package (TUMT3).
3) Low voltage drive (2.5V drive).
Applications
Switching
Packaging specifications
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
RTF015N03
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗2
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
30
150
−55 to +150
12
±1.5
±6.0
0.6
6.0
0.8
Thermal resistance
Parameter
°C/W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
156
∗ Mounted on a ceramic board
(1) Gate
(2) Source
(3) Drain
TUMT3
0.3
0.77
0.17
2.0
1.3
0.65 0.65
(3)
(1)
(2)
0~0.1
0.85Max.
Abbreviated symbol : PP
(1) Gate
(2) Source
(3) Drain
∗2
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗1
(2)
(1)
(3)


Similar Part No. - RTF015N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF015N03 ROHM-RTF015N03 Datasheet
57Kb / 3P
   2.5V Drive Nch MOS FET
RTF015N03TL ROHM-RTF015N03TL Datasheet
677Kb / 12P
   Built-in G-S Protection Diode.
More results

Similar Description - RTF015N03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com