Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB095B-90 Datasheet(PDF) 1 Page - Rohm

Part # RB095B-90
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB095B-90 Datasheet(HTML) 1 Page - Rohm

  RB095B-90_09 Datasheet HTML 1Page - Rohm RB095B-90_09 Datasheet HTML 2Page - Rohm RB095B-90_09 Datasheet HTML 3Page - Rohm RB095B-90_09 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.rohm.com
©2009 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB095B-90
Applications
Dimensions(Unit : mm)
Land size figure(Unit : mm)
General rectification
Features
1)Power mold type.(CPD)
2)Low VF
3)High reliability
Construction
Structure
Silicon epitaxial planar
Taping specifications(Unit : mm)
Absolute maximum ratings(Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics(Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.75
V
IF=3.0A
Reverse current
IR
-
-
150
µA
VR=90V
Thermal impedance
θjc
-
-
6.0
°C/W
junction to case
Forward current surge peak (60Hz / 1cyc)(*1)
45
Junction temperature
Reverse voltage (DC)
90
Average rectified forward current (*1)
6
Parameter
Limits
(*1) Business frequencies, Rating of R-load, 1/2 Io per diode, Tc=122
°C
Conditions
150
Storage temperature
-40 to +150
Parameter
Reverse voltage (repetitive peak)
90
ROHM : CPD
Manufacture Date
JEITA : SC-63
CPD
1.6
2.3
1.6
2.3
6.0
(1) (3)
(2)
6.8
±0.1
8.0
±0.1
4.0
±0.1
2.0
±0.05
φ1.55±0.1
      0
2.7
±0.2
φ3.0±0.1
0.4
±0.1
8.0
±0.1
TL
1/3
2009.11 - Rev.F


Similar Part No. - RB095B-90_09

ManufacturerPart #DatasheetDescription
logo
Rohm
RB095B-90TL ROHM-RB095B-90TL Datasheet
388Kb / 4P
   Schottky Barrier Diode
logo
Inchange Semiconductor ...
RB095B-90TL ISC-RB095B-90TL Datasheet
250Kb / 2P
   Schottky Barrier Diode
logo
Rohm
RB095B-90 ROHM-RB095B-90_11 Datasheet
1Mb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB095B-90_09

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com