Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AWS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SD103AWS
Description  SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD103AWS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SD103AWS Datasheet HTML 1Page - Rectron Semiconductor SD103AWS Datasheet HTML 2Page - Rectron Semiconductor SD103AWS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY DIODES
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
* Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
* Negligible Reverse Recovery Time
* Low Reverse Capacitance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SD103AWS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
RATINGS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Maximum Forward Comtinuous Current
RMS Reverse Voltage
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation
Operating and Storage Temperature Range
SYMBOL
SD103AWS
VRMR
VRWR
VR(RMS)
VR
IFM
IFSM
PD
TJ,TSTG
Volts
Volts
mAmps
350
1.5
200
-65 to + 125
Amps
mW
OC
UNITS
Thermal Resistance junction to ambient
R
θJA
300
OC/W
40
28
@t<1.0S
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Reverse voltage leakage current
Reverse Breakdown Voltage
Forward voltage
(IF=200mA)
(IF=20mA)
Capacitance between terminals
CHARACTERISTICS
SYMBOL
UNITS
5.0
0.37
-
0.60
-
-
50
µA
V
V
pF
IR
V(BR)R
VF
CT
MAX.
-
-
-
TYP.
-
40
-
-
MIN.
(VR=0V,f=1MHz)
(VR=30V)
(IR=10
µA)
2006-3
Reverse Recovery Time
10
ns
trr
-
-
(IF=IR=200mA,RL=
100
Ω,Irr=0.1xIR)


Similar Part No. - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Microdiode Electronics ...
SD103AWS CHENDA-SD103AWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
Tak Cheong Electronics ...
SD103AWS TAK_CHEONG-SD103AWS Datasheet
145Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
More results

Similar Description - SD103AWS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com