Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBU1003M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RBU1003M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU1003M Datasheet(HTML) 1 Page - Rectron Semiconductor

  RBU1003M Datasheet HTML 1Page - Rectron Semiconductor RBU1003M Datasheet HTML 2Page - Rectron Semiconductor RBU1003M Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 10.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RBU1001M
THRU
RBU1007M
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Silver-plated copper leads
* Surge overload rating: 200 amperes peak
* Mounting position: Any
* Low leakage
* Low forward voltage
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
RBU
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = *100
oC (Note 4)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
10.0
200
2.3
26
Amps
0
C/W
0
C
Operating and Storage Temperature Range
Rq JC
Rq JA
IO
-55 to + 150
Volts
100
RBU1001M
RBU1003M
RBU1005M
RBU1002M
RBU1004M
200
800
RBU1006M
50
100
200
800
50
70
140
560
35
1000
RBU1007M
1000
700
400
400
280
600
600
420
2006-12
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
m
Amps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
2.0
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
RBU1001M
RBU1003M
RBU1005M
RBU1002M
RBU1004M
RBU1006M RBU1007M
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
3. Equivalent to Vishay's GBU10 Series.
4. "*" Heat Sink Temperature.
.880 (22.3)
.860 (21.8)
.160 (4.1)
.512 (13.0)
.140 (3.5)
.085 (2.16)
.075 (1.90)
.140 (3.56)
.130 (3.30)
.022 (0.56)
.018 (0.46)
.080 (2.03)
.065 (1.65)
.100 (2.54)
.085 (2.16)
.210 (5.33)
.190 (4.83)


Similar Part No. - RBU1003M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU1003M RECTRON-RBU1003M Datasheet
131Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - RBU1003M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU1001M RECTRON-RBU1001M_10 Datasheet
194Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10.0 Amperes
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
SLDB101S RECTRON-SLDB101S Datasheet
293Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com