Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5237BS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part No. MMSZ5237BS
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5237BS Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMSZ5237BS Datasheet HTML 1Page - Rectron Semiconductor MMSZ5237BS Datasheet HTML 2Page - Rectron Semiconductor MMSZ5237BS Datasheet HTML 3Page - Rectron Semiconductor MMSZ5237BS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Planar Die Constrruction
* 200mW Power Dissipation on FR-4 PCB
* Gemera purpose, Medium Current
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 gram
MMSZ5223BS-
MMSZ5259BS
Ldeally Suited for Automated Assembly
Dimensions in inches and (millimeters)
VC 2008-12
REV: A
ELECTRICAL CHARACTERISTICS (@ TA = 25oC unless otherwise noted )
MAXIMUM RATINGES (@ TA = 25oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
625
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient (Note 1)
RATINGS
Max. Steady State Power Dissipation @TA=25oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R qJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
200
Notes 1. Valld provided that device terminals are kept at amblent temperature.
2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
+150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
SOD-323


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn