Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5236BS Datasheet(PDF) 3 Page - Rectron Semiconductor

Part No. MMSZ5236BS
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5236BS Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMSZ5236BS Datasheet HTML 1Page - Rectron Semiconductor MMSZ5236BS Datasheet HTML 2Page - Rectron Semiconductor MMSZ5236BS Datasheet HTML 3Page - Rectron Semiconductor MMSZ5236BS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ5223BS-MMSZ5259BS )
0.4
0.3
0.2
0.1
0
1000
100
10
1
1000
1
50
100
10
100
10
1
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
1
10
100
0
10
20
30
40
1
10
100
1000
0
25
50
75
100
125
150
1
10
100
30
20
10
0
Figure 1 Power Dissipation vs Ambient Temperature
PULSE WIDTH(ms)
Figure 3 Zener Voltage vs Zener Impedence
Figure 4 Maximum Non-repetitive Surge Power
TA,AMBIENT TEMPERATURE(OC)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,ZENER VOLTAGE(V)
Figure 2 Typical Capacitance
Figure 5 Zener Breakdown Characteristics
VZ,ZENER VOLTAGE(V)
Figure 6 Zener Breakdown Characteristics
IZ= 1.0mA
TJ = 25OC
TJ = 25OC
5V6
10
12
15
18
22
27
33
36 39
6V8
8V2
Test Current Iz
20mA
Test Current Iz
Nominal Zener Voltage
f = 1MHz
0V BIAS


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn