Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER801K Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # HER801K
Description  HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HER801K Datasheet(HTML) 2 Page - Rectron Semiconductor

  HER801K Datasheet HTML 1Page - Rectron Semiconductor HER801K Datasheet HTML 2Page - Rectron Semiconductor HER801K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0
0.1
0.4
1.0
4
40
20
10
0
2
4
6
10
8
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
0
20
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( HER801K THRU HER805K )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1 0.2
0
2
4
6
60
40
20
10
100
200
40
100
0.4
1.0
2
4
10
20
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
100
200
5
2
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
TA = 100 OC
TA = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
TJ = 25 OC


Similar Part No. - HER801K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER801 RECTRON-HER801 Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
SUNMATE electronic Co.,...
HER801 SUNMATE-HER801 Datasheet
350Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER DIODES
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER801 DGNJDZ-HER801 Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER801 DCCOM-HER801 Datasheet
463Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER801K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER801S RECTRON-HER801S Datasheet
23Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
HER801 RECTRON-HER801 Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
IHER801 RECTRON-IHER801 Datasheet
29Kb / 2P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes
HER1601CS RECTRON-HER1601CS Datasheet
23Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16.0 Amperes)
HER1601C RECTRON-HER1601C Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16.0 Amperes)
HER806S RECTRON-HER806S Datasheet
95Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 8.0 Amperes
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
SF81S RECTRON-SF81S Datasheet
23Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
WILLAS ELECTRONIC CORP
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
   VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com