Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4032W Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # FM4032W
Description  SURFACE MOUNT SILICON RECTIFIER VOLTAGE 3200 Volts CURRENT 0.2 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4032W Datasheet(HTML) 3 Page - Rectron Semiconductor

  FM4032W Datasheet HTML 1Page - Rectron Semiconductor FM4032W Datasheet HTML 2Page - Rectron Semiconductor FM4032W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mounting Pad Layout
RECTRON
0.060 MIN.
(1.52 MIN.)
0.052 MIN.
(1.32 MIN.)
0.220
0.094 MAX.
(2.38 MAX.)
(5.58) REF
Dimensions in inches and (millimeters)


Similar Part No. - FM4032W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FM403 LRC-FM403 Datasheet
52Kb / 2P
   1A GLASS PASSIVATED SMA DIODES
FM403 LRC-FM403 Datasheet
178Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
logo
AiT Semiconductor Inc.
FM403 AITSEMI-FM403 Datasheet
503Kb / 5P
   GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
More results

Similar Description - FM4032W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500 RECTRON-R2500_10 Datasheet
413Kb / 5P
   HIGH VOLTAGE SILICON RECTIFIER Volts CURRENT 0.2 Ampere
R5000G RECTRON-R5000G Datasheet
138Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER olts CURRENT 0.2 Ampere
FR1200G RECTRON-FR1200G Datasheet
721Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 1200 to 3200 Volts CURRENT 0.5 to 0.2 Ampere
FML0220 RECTRON-FML0220 Datasheet
320Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02SSL20L RECTRON-02SSL20L Datasheet
455Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
FML0220L RECTRON-FML0220L Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02SSL20 RECTRON-02SSL20 Datasheet
316Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
logo
List of Unclassifed Man...
CHT3946UPNPT ETC1-CHT3946UPNPT Datasheet
197Kb / 5P
   SURFACE MOUNT Complementary Small Signal Transistor (VOLTAGE 40 Volts CURRENT 0.2 Ampere)
logo
Rectron Semiconductor
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com