Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM340L Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM340L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM340L Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM340L Datasheet HTML 1Page - Rectron Semiconductor FM340L Datasheet HTML 2Page - Rectron Semiconductor FM340L Datasheet HTML 3Page - Rectron Semiconductor FM340L Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
AMBIENT TEMPERATURE, (
OC)
0
0.01
0.001
1.0
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
125
150
50
25
75
100
0
0.2
0.3
0.4
0.7
0.9
0.6
0.1
1.0
10
20
0.5
0.8
RATING AND CHARACTERISTICS CURVES ( FM320L THRU FM3200L )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
5
50
20
10
100
200
500
20
0.5
0.2
1
5
2
10
40
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
50
20
10
60
30
40
80
70
2
5
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TA = 25 OC
FM320L~FM340L
FM350L~FM360L
FM380L~FM3200L
TA = 125 OC
TA = 75 OC
FM350L~FM360L
FM380L~FM3200L
FM320L~FM340L
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
TJ = 25 OC
At rated TL
8.3mS Single Half Sine-Wave
JEDEC Method
P.C.B. Mounted on
0.4X0.4"(10X10mm)
copper pad areas


Similar Part No. - FM340L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM340 RECTRON-FM340 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM340 FORMOSA-FM340 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM340 WINNERJOIN-FM340 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM340-A FORMOSA-FM340-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM340-A FORMOSA-FM340-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM340L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5820L RECTRON-FM5820L Datasheet
420Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM520 RECTRON-FM520 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM120 RECTRON-FM120_V01 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
SR2020CS RECTRON-SR2020CS Datasheet
195Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com