Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZCA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC143ZCA
Description  SOT-23 DIGITAL TRANSISTORS TRANSISTOR (NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143ZCA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC143ZCA Datasheet HTML 1Page - Rectron Semiconductor DTC143ZCA Datasheet HTML 2Page - Rectron Semiconductor DTC143ZCA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES ( DTC143ZCA )
100u 200u 500u 1m 2m
5m 10m 20m 50m 100m
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure1 Input voltage vs. output current
(ON characteristics)
Figure2 Output current vs. input voltage
(OFF characteristics)
IO, OUTPUT CURRENT (A)
VI(off), INPUT VOLTAGE (A)
2
10
5
100m
500m
200m
1
100
20
50
20u
100u
200u
500u
50u
1u
5u
2u
10u
10m
2m
1m
5m
100u 200u 500u 1m 2m
5m 10m 20m 50m 100m
100u 200u 500u
Figure3 DC current gain vs. output current
Figure4 Output voltage vs. output current
IO, OUTPUT CURRENT (A)
IO, OUTPUT CURRENT (A)
20
100
50
1
5
2
10
1K
200
500
20m
100m
50m
1m
1m 2m
5m 10m 20m 50m 100m
5m
2m
10m
1
200m
500m
Ta = -40OC
25OC
100OC
Vo = 0.3V
Ta = 100OC
25OC
-40OC
VCC =5V
Ta =100OC
25OC
-40OC
Vo = 5V
Ta = 100OC
25OC
-40OC
IO/II =20
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND
GND


Similar Part No. - DTC143ZCA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZCA ROHM-DTC143ZCA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC143ZCA JIANGSU-DTC143ZCA Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
DTC143ZCA SECOS-DTC143ZCA Datasheet
205Kb / 2P
   Digital Transistors (Built-in Resistors)
logo
Micro Commercial Compon...
DTC143ZCA MCC-DTC143ZCA Datasheet
97Kb / 2P
   Digital Transistors
DTC143ZCA MCC-DTC143ZCA Datasheet
210Kb / 2P
   Digital Transistors
More results

Similar Description - DTC143ZCA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC143ECA RECTRON-DTC143ECA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114ECA RECTRON-DTC114ECA Datasheet
457Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114TCA RECTRON-DTC114TCA Datasheet
361Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TCA RECTRON-DTC143TCA Datasheet
364Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114WCA RECTRON-DTC114WCA Datasheet
352Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123JCA RECTRON-DTC123JCA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC124ECA RECTRON-DTC124ECA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC144ECA RECTRON-DTC144ECA Datasheet
389Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC114YCA RECTRON-DTC114YCA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YCA RECTRON-DTC123YCA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com