Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR801G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # FR801G
Description  8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR801G Datasheet(HTML) 2 Page - Won-Top Electronics

  FR801G Datasheet HTML 1Page - Won-Top Electronics FR801G Datasheet HTML 2Page - Won-Top Electronics FR801G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
2
4
6
8
0
25
50
75
100
125
150
175
T , CASE TEMPERATURE
(
C)
Fig. 1, Typical Forward Current Derating Curve
C
°
0.1
1
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3, Typical Instantaneous Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
°
µ
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1.0
10
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
FR801G – FR807G
2 of 3
© 2002 Won-Top Electronics


Similar Part No. - FR801G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
FR801G SMCDIODE-FR801G Datasheet
312Kb / 4P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Rev. C
More results

Similar Description - FR801G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
STPR805DB DIODES-STPR805DB Datasheet
64Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
Won-Top Electronics
ER800F WTE-ER800F Datasheet
48Kb / 3P
   8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
   8.0A Fast Recovery Rectifier
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com