Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR801G Datasheet(PDF) 3 Page - Won-Top Electronics

Part # FR801G
Description  8.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR801G Datasheet(HTML) 3 Page - Won-Top Electronics

  FR801G Datasheet HTML 1Page - Won-Top Electronics FR801G Datasheet HTML 2Page - Won-Top Electronics FR801G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR801G – FR807G
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
FR801G
TO-220A
50 Units/Tube
FR802G
TO-220A
50 Units/Tube
FR803G
TO-220A
50 Units/Tube
FR804G
TO-220A
50 Units/Tube
FR805G
TO-220A
50 Units/Tube
FR806G
TO-220A
50 Units/Tube
FR807G
TO-220A
50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR801G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
FR801G SMCDIODE-FR801G Datasheet
312Kb / 4P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Rev. C
More results

Similar Description - FR801G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Diodes Incorporated
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
STPR805DB DIODES-STPR805DB Datasheet
64Kb / 2P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
Won-Top Electronics
ER800F WTE-ER800F Datasheet
48Kb / 3P
   8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
   8.0A Fast Recovery Rectifier
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com