Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114WUA Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DTC114WUA
Description  SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC114WUA Datasheet(HTML) 3 Page - Rectron Semiconductor

  DTC114WUA Datasheet HTML 1Page - Rectron Semiconductor DTC114WUA Datasheet HTML 2Page - Rectron Semiconductor DTC114WUA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - DTC114WUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114WUA ROHM-DTC114WUA Datasheet
81Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC114WUA JIANGSU-DTC114WUA Datasheet
92Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114WUA SECOS-DTC114WUA Datasheet
386Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114WUA ROHM-DTC114WUA Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114WUA ROHM-DTC114WUA Datasheet
961Kb / 8P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC114WUA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC114YUA RECTRON-DTC114YUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YUA RECTRON-DTC123YUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143XUA RECTRON-DTC143XUA Datasheet
367Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC143ZUA RECTRON-DTC143ZUA Datasheet
367Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC123JUA RECTRON-DTC123JUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114TUA RECTRON-DTC114TUA Datasheet
361Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143EUA RECTRON-DTC143EUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114EUA RECTRON-DTC114EUA Datasheet
456Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC124EUA RECTRON-DTC124EUA Datasheet
366Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TUA RECTRON-DTC143TUA Datasheet
364Kb / 3P
   SOT-323 DIGITAL TRANSISTOR TRANSISTORS(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com