Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMX25 Datasheet(PDF) 1 Page - Rohm

Part # IMX25
Description  General purpose transistor (isolated dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX25 Datasheet(HTML) 1 Page - Rohm

  IMX25_10 Datasheet HTML 1Page - Rohm IMX25_10 Datasheet HTML 2Page - Rohm IMX25_10 Datasheet HTML 3Page - Rohm IMX25_10 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.B
General purpose transistor
(isolated dual transistors)
IMX25
Features
Dimensions (Unit : mm)
1) Two 2SD2704K chips in a SMT package.
2) Mounting possible with SMT3 automatic mounting machine.
3) Transistor elements are independent,eliminating interference.
4) Mounting cost and area can be cut in half.
Structure
Epitaxial planar type
NPN silicon transistor
The following characteristics apply to both Tr1 and Tr2.
Absolute maximum ratings (Ta=25
C)
Inner circuit
Electrical characteristics (Ta=25
C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
Min.
50
20
25
820
50
0.1
0.1
2700
100
V
IC
=10μA
IC
=1mA
IE
=10μA
VCB
=50V
VEB
=25V
VCE
=2V, IC=4mA
IC/IB
=30mA/3mA
V
V
μA
μA
mV
Typ.
Max.
Unit
Conditions
fT
Ron
Cob
35
0.7
3.9
VCE
=6V, IE=−4mA, f=10MHz
IB
=5mA, Vi=100mVrms, f=1kHz
VCB
=10V, IE=0A, f=1MHz
MHz
Ω
pF
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Output capacitance
Output On-resistance
Collector-emitter saturation voltage
Packaging specifications
IMX25
Part No.
T110
3000
Packaging type
Code
Basic ordering unit (pieces)
Taping
ROHM : SMT6
EIAJ : SC-74
Abbreviated symbol: X25
(1)
(2)
(3)
0.3 +
0.1
−0.05
(6)
(5)
(4)
0.95 0.95
1.9±0.2
2.9±0.2
1.1+0.2
0.8±0.1
−0.1
0 to 0.1
0.15 −0.06
+0.1
All terminals have same dimensions
Parameter
Symbol
Limits
Unit
VCBO
50
V
VCEO
20
V
VEBO
25
V
IC
300
mA
Tj
150
°C
Tstg
−55 to +150
°C
Pd
300(TOTAL)
mW
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power dissipation
200mW per element must not be exceeded.
Tr2
Tr1
(4)
(5)
(6)
(3)
(2)
(1)


Similar Part No. - IMX25_10

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
   General purpose transistor (isolated dual transistors)
More results

Similar Description - IMX25_10

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT1AT110 ROHM-IMT1AT110 Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
   General purpose transistor (isolated dual transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
   General purpose transistor (isolated dual transistors)
EMT1T2R ROHM-EMT1T2R Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMT17 ROHM-IMT17 Datasheet
121Kb / 3P
   General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX9 ROHM-IMX9 Datasheet
49Kb / 4P
   General purpose transistor (isolated dual transistors)
IMT17T110 ROHM-IMT17T110 Datasheet
65Kb / 3P
   General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N_1 Datasheet
100Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com