Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMD10A Datasheet(PDF) 3 Page - Rohm

Part # IMD10A
Description  Power management (dual digital transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMD10A Datasheet(HTML) 3 Page - Rohm

  IMD10A Datasheet HTML 1Page - Rohm IMD10A Datasheet HTML 2Page - Rohm IMD10A Datasheet HTML 3Page - Rohm IMD10A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IMD10A
Transistors
Rev.B
3/3
Electrical characteristic curves
VO
= −5V
−500µ
1k
200
100
10
1
2
5
20
50
500
−1m −2m −5m −10m−20m −50m −100m−200m −500m
OUTPUT CURRENT : IO
(A)
Fig.1 DC current gain vs.
Output current characteristics
−40°C
Ta
=100°C
25
°C
IO/II
=20/1
−500µ−1m −2m
−5m −10m −20m
−50m −100m −200m −500m
−1
−500m
−200m
−100m
−20m
−50m
−10m
−1m
−2m
−5m
OUTPUT CURRENT : IO
(A)
Fig.2 Output voltage vs.
Output current characteristics
Ta
=100°C
−40°C
25
°C
VO
= −0.3V
−500µ
−100
−20
−10
−1
−100m
−200m
−500m
−2
−5
−50
−1m −2m
−5m −10m −20m −50m −100m −200m −500m
OUTPUT CURRENT : IO
(A)
Fig.3 Input voltage vs. Output current
(ON characteristics)
Ta
= −40°C
100
°C
25
°C
Ta
=100°C
25
°C
−40°C
VCC
=−5V
0
−1
−2
−3
−10m
−2m
−1m
−100µ
−20µ
−10µ
−1µ
−2µ
−5µ
−50µ
−200µ
−500µ
−5m
INPUT VOLTAGE : VI(off)
(V)
Fig.4 Output current vs.
Input voltage (OFF characteristics)
VCE
=5V
100
µ 200µ
500
µ 1m 2m
5m
10m
20m
50m
100m
1k
500
200
100
20
50
10
1
2
5
COLLECTOR CURRENT : IC
(A)
Fig.5 DC current gain vs. Collector current
Ta
=100°C
−40°C
25
°C
lC/lB
=10
100
µ 200µ
500
µ 1m
2m
5m
10m
20m
50m 100m
1
500m
200m
100m
20m
50m
10m
1m
2m
5m
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation voltage
vs. Collector current
Ta
=100°C
−40°C
25
°C


Similar Part No. - IMD10A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMD10A ROHM-IMD10A Datasheet
67Kb / 3P
   Power management (dual digital transistors)
logo
ON Semiconductor
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
More results

Similar Description - IMD10A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMD10A ROHM-IMD10A Datasheet
67Kb / 3P
   Power management (dual digital transistors)
UMC3N ROHM-UMC3N Datasheet
90Kb / 3P
   Power management (dual digital transistors)
IMD16A ROHM-IMD16A_09 Datasheet
166Kb / 4P
   Power management (dual digital transistors)
IL300-X009T ROHM-IL300-X009T Datasheet
91Kb / 3P
   Power management (dual digital transistors)
UMC4NTR ROHM-UMC4NTR Datasheet
106Kb / 3P
   Power management (dual digital transistors)
EMD12T2R ROHM-EMD12T2R Datasheet
66Kb / 4P
   Power management (dual digital transistors)
UMD12NTR ROHM-UMD12NTR Datasheet
77Kb / 4P
   Power management (dual digital transistors)
IMD16A ROHM-IMD16A Datasheet
74Kb / 4P
   Power management (dual digital transistors)
IMD10AT108 ROHM-IMD10AT108 Datasheet
91Kb / 3P
   Power management (dual digital transistors)
FMC6A ROHM-FMC6A Datasheet
36Kb / 1P
   Power management (dual digital transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com