Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR153 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # FR153
Description  1.5A FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR153 Datasheet(HTML) 3 Page - Won-Top Electronics

  FR153 Datasheet HTML 1Page - Won-Top Electronics FR153 Datasheet HTML 2Page - Won-Top Electronics FR153 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR151 – FR157
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
FR151-T3
DO-15
4000/Tape & Reel
FR151-TB
DO-15
3000/Tape & Box
FR151
DO-15
1000 Units/Box
FR152-T3
DO-15
4000/Tape & Reel
FR152-TB
DO-15
3000/Tape & Box
FR152
DO-15
1000 Units/Box
FR153-T3
DO-15
4000/Tape & Reel
FR153-TB
DO-15
3000/Tape & Box
FR153
DO-15
1000 Units/Box
FR154-T3
DO-15
4000/Tape & Reel
FR154-TB
DO-15
3000/Tape & Box
FR154
DO-15
1000 Units/Box
FR155-T3
DO-15
4000/Tape & Reel
FR155-TB
DO-15
3000/Tape & Box
FR155
DO-15
1000 Units/Box
FR156-T3
DO-15
4000/Tape & Reel
FR156-TB
DO-15
3000/Tape & Box
FR156
DO-15
1000 Units/Box
FR157-T3
DO-15
4000/Tape & Reel
FR157-TB
DO-15
3000/Tape & Box
FR157
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR153

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
FR153 ZOWIE-FR153 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR153 YIXIN-FR153 Datasheet
252Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FR153 EIC-FR153 Datasheet
55Kb / 2P
   FAST RECOVERY
logo
Micro Commercial Compon...
FR153 MCC-FR153 Datasheet
80Kb / 3P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Rugao Dachang Electroni...
FR153 DACHANG-FR153 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - FR153

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
   1.5A Fast Recovery Rectifier
logo
Diodes Incorporated
PR1501S DIODES-PR1501S_15 Datasheet
292Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
PR1501 DIODES-PR1501_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
logo
List of Unclassifed Man...
TF151 ETC2-TF151 Datasheet
130Kb / 4P
   1.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
BYD34DP FRONTIER-BYD34DP Datasheet
125Kb / 2P
   1.5A FAST RECOVERY PLASTIC RECTIFIER
BYV95AP FRONTIER-BYV95AP Datasheet
125Kb / 2P
   1.5A FAST RECOVERY PLASTIC RECTIFIER
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com