Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF491 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BF491
Description  PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BF491 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BF491 Datasheet HTML 1Page - Rectron Semiconductor BF491 Datasheet HTML 2Page - Rectron Semiconductor BF491 Datasheet HTML 3Page - Rectron Semiconductor BF491 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
UNITS
fT
IC=10mA, VCE=20V, f=20MHz
MHz
VCB=100V, f=1MHz, IE=0
<2
pF
>50
BF492
<2
>50
BF491
<2
>50
BF493
Current Gain-Bandwidth Product
Feedback Capacitance
Cre
*Pulse Condition: = Width < 300us, Duty Cycle < 2.0%.


Similar Part No. - BF491

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
More results

Similar Description - BF491

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BF421 TEL-BF421 Datasheet
87Kb / 3P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF421 CDIL-BF421 Datasheet
149Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NTE Electronics
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
June 1993
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
logo
Micro Electronics
BF257 MICRO-ELECTRONICS-BF257 Datasheet
115Kb / 2P
   NPN HIGH VOLTAGE VIDEO AMPLIFIER
logo
STMicroelectronics
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
   RGB HIGH VOLTAGE VIDEO AMPLIFIER
May 1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com