Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC847A
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC847A Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC847A Datasheet HTML 1Page - Rectron Semiconductor BC847A Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC847A
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= 5V, IC= 2mA)
Collector cut-off current (VCB= 50V, IE=0)
Collector cut-off current (VCE= 45V, IB=0)
Emitter cut-off current (VEB= 5V, IC=0)
Collector-emitter saturation voltage (IC= 100mA, IB= 5mA)
Base-emitter saturation voltage (IC= 100mA, IB= 5mA)
Transition frequency (VCE= 5V, IC= 10mA, f= 100MHZ)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
0.1
0.1
m
A
m
A
m
A
V
V
V
V
V
Collector-base breakdown voltage (IC= 10mA, IE=0)
Collector-emitter breakdown voltage (IC= 10mA, IB=0)
Emitter-base breakdown voltage (IE= 10mA, IC=0)
DEVICE MARKING
BC847A
Notes: 1. Transistor mounted on an FR4 Printed-circuit board.
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
1E
VCBO
VCEO
VEBO
IEBO
hFE(1)
ICBO
ICEO
VCE(sat)
VBE(sat)
fT
MAX
50
45
6
-
110
100
MIN
0.055(1.40)
0.047(1.20)
-
0.1
-
-
-
-
1.1
MHZ
0.5
220
*
*
*
*
Power dissipation
PCM :
0.225
W (Tamb=25OC) Note1
Collector current
ICM :
0.1
A
Collector-base voltage
VCBO :
50
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BASE
EMITTER
COLLECTOR
1
2
3


Similar Part No. - BC847A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847A ONSEMI-BC847A Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Guangdong Kexin Industr...
BC847A KEXIN-BC847A Datasheet
1Mb / 3P
   NPN Transistors
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
E-Tech Electronics LTD
BC847A ETL-BC847A Datasheet
194Kb / 4P
   General Purpose Transistors
logo
Diodes Incorporated
BC847A DIODES-BC847A Datasheet
452Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 22 - 2
More results

Similar Description - BC847A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BFS20 RECTRON-BFS20 Datasheet
297Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
C1815 RECTRON-C1815 Datasheet
455Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com