Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC556 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC556
Description  PNP Planar Epitaxial Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC556 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC556 Datasheet HTML 1Page - Rectron Semiconductor BC556 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC556
PNP Planar Epitaxial Transistor
www.rectron.com
1.COLLECTOR
2.BASE
3. EMITTER
DIM
MIN
MAX
A
4.32
5.33
B
4.45
5.2
C
3.18
4.19
D
0.41
0.50
E
0.35
0.50
F
5
q
5
q
G
1.14
1.40
H
1.14
1.53
K
12.70
-
Absolute Maximun Ratings (Ta=25oC)
TO-92
TECHNICAL SPECIFICATION
Symbol
-
Ratings
Unit
Collector-Emmiter Voltage
VCEO
-65
V
Collector-Emmitor Voltage
VCES
-80
V
Collector Base Voltage
VCBO
-80
V
Emitter Base Voltage
VEBO
-5
V
Collector current Continuous
IC
-
100
mA
Peak
ICM
-
200
mA
Base Current - Peak
IBM
-
200
mA
Emitter Current - Peak
IE M
-
200
mA
Collector Power Dissapation Ta = 25 °C
P TA
-
500
mW
Operating and Storage Junction
Tj Tstg
-
(-55 to +150)
°C
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
-
250
°C / W


Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
BC556 FAIRCHILD-BC556 Datasheet
43Kb / 4P
   Switching and Amplifier
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
Foshan Blue Rocket Elec...
BC556 FOSHAN-BC556 Datasheet
804Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
More results

Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com