Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC547 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BC547
Description  NPN Silicon Planar Epitaxial Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC547 Datasheet(HTML) 3 Page - Rectron Semiconductor

  BC547 Datasheet HTML 1Page - Rectron Semiconductor BC547 Datasheet HTML 2Page - Rectron Semiconductor BC547 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC546
BC547
BC548
MIN TYP MAX
300
1.7
4.5
9
2
10
220
330
600
1.6
2.7
4.5
3.2
4.5
8.5
6
8.7
15
1.5
2
3
18
30
30
60
60
110
u MHO
DYNAMIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC = 10mA, VCE = 5V, f = 100MHZ
MHZ
BC546C/BC547C/BC548C
hre
x10
Input Impedance
VCE = 5V, IC = 2mA, f= 1kHZ
BC546A/BC547A/BC548A
hie
Noise Figure
NF
VCE = 5V, IC = 0.2mA
dB
RS= 2k ohm, f = 1KHZ, B= 200HZ
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
hfe
Small Signal Current Gain
VCE = 5V, IC = 2mA, f= 1kHZ
BC546A/BC547A/BC548A
Collector output Capacitance
Ccbo
VCB = 10V, f = 1MHZ
pF
Voltage Feedback
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
BC546A/BC547A/BC548A
VCE = 5V, IC = 2mA, f= 1kHZ
BC546A/BC547A/BC548A
Output Admittance
hoe
k ohm
BC546B/BC547B/BC548B
Note (1): IB is value for which IC = 11mA @ VCE = 10V.
VEB = 0.5V, f = 1MHZ
pF
Emitter input Capacitance
Cib
VCE = 5V, IC = 2mA, f= 1kHZ
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
Electrical Characteristics (Ta=25
oC unless otherwise specified)
www.rectron.com
3 of 3


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
ARTSCHIP ELECTRONICS CO...
BC547 ARTSCHIP-BC547 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Weitron Technology
BC547 WEITRON-BC547 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com